Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 30 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 26Page - Motorola, Inc MCD212 Datasheet HTML 27Page - Motorola, Inc MCD212 Datasheet HTML 28Page - Motorola, Inc MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
MCD212
5–1
MOTOROLA
5
IMAGE DISPLAY CONTROL
The VDSC is programmable on a line–by–line (DCA) and/or field–by–field (ICA) basis. The image
displayed by the VDSC is made up of four distinct, programmable graphics planes, as indicated in
Figure 5–1. The foremost is the cursor plane, behind which are two video planes (A and B), and behind
them is a background plane. The data for plane A is handled by CH#1, while CH#2 handles the B
plane data. The order in which graphics planes A and B are displayed is controllable via the plane
order register (hC2) through CH#1.
BACKGROUND/EXTERNAL VIDEO
GRAPHICS PLANE B
CURSOR PLANE
GRAPHICS PLANE A
Figure 5–1. Four Video Planes of the Displayed Image
The VDSC is programmable for several pre–defined modes of display and contains two video start
address registers (VSR1 and VSR2) to locate the video displays within the DRAM address space. The
display logic reads words from the video display area and sends them to the display file decoder which
serializes the data, either nibble per nibble or byte per byte. This programmability and flexibility allows
the VDSC to do various special effects such as subscreens, windowing, mosaics, overlay and mixing,
and transparency, among others.
5.1
IMAGE FORMATS
The VDSC supports NTSC monitor, NTSC TV, and PAL TV formats as well as providing a means to
display images in one format that were created in the other. This compatibility feature allows this part
to be used throughout the world. Also, interlace and non–interlace displays are supported.
5.1.1
NTSC/PAL
NTSC is the North American and Japanese standard for broadcast TV. The display is made up of
525 horizontal lines, counted in the vertical direction, displayed 30 times in one second. NTSC Monitor
is a little–used standard in North America for in–studio use on monitors. It is also made up of
525 horizontal lines.
PAL is the European standard for broadcast TV. Its display is made up of 625 horizontal lines, counted
in the vertical direction, but only displayed 25 times each second. Both systems allow for an image (or
frame) to be made up of two fields, an odd and an even field. The field rate is twice the frame rate
(60 Hz for NTSC and 50 Hz for PAL). Although each frame is made up of 525/625 lines, only 480/560
are visible on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com