Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 52 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 48Page - Motorola, Inc MCD212 Datasheet HTML 49Page - Motorola, Inc MCD212 Datasheet HTML 50Page - Motorola, Inc MCD212 Datasheet HTML 51Page - Motorola, Inc MCD212 Datasheet HTML 52Page - Motorola, Inc MCD212 Datasheet HTML 53Page - Motorola, Inc MCD212 Datasheet HTML 54Page - Motorola, Inc MCD212 Datasheet HTML 55Page - Motorola, Inc MCD212 Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
MCD212
6–3
MOTOROLA
6.2.2
Run-length 3-Bit CLUT Files
The run–length 3–bit CLUT files are similar to the 7–bit files except that instead of a single pixel, this
format specifies pixel pairs. Also, instead of 7–bit CLUT addresses only 3 bits plus a 0 in the MSB are
used to generate a 4–bit CLUT.
PIXEL
PAIR
MULTIPLE
PIXEL
PAIRS
0
1
3–BIT CLUT
3–BIT CLUT
76
0
15
14
8 7
0
NOTE:
N = 0 means “duplicate this pixel to the end of the line”.
N = 1 is forbidden.
4
1
32
3–BIT CLUT
0
3–BIT CLUT
12
11 10
N = NUMBER OF IDENTICAL PIXEL PAIRS (8 BITS)
FIRST PIXEL
FIRST PIXEL
SECOND PIXEL
SECOND PIXEL
Figure 6–4. Run–length Format in 3 Bits/Pixel
If the number of pixel pairs indicated is greater than the number of remaining pixels in the line, then
only the number of pixels necessary to complete the line is displayed.
6.3
MOSAIC FILE
The mosaic technique consists of changing the resolution of the screen by duplicating pixels by a
mosaic factor, n. The mosaic file is then effectively compressed by the factor n. The VDSC automati-
cally duplicates the pixels. The mosaic factor is indicated in the DDR1 and DDR2 register.
Table 6–3. Mosaic Factor of Display 1
MF1
MF2
Mosaic Factor
0
0
2
0
1
4
1
0
8
1
1
16
NOTE: Bits indicated in DDR1 register.
Table 6–4. Mosaic Factor of Display 2
MF 1
MF 2
Mosaic Factor
0
0
2
0
1
4
1
0
8
1
1
16
NOTE: Bits indicated in DDR2 register.
The mosaic file works at the byte level. In 4 bits/pixel mode, the pixels are duplicated by groups of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com