Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 27 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 27 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 23Page - Motorola, Inc MCD212 Datasheet HTML 24Page - Motorola, Inc MCD212 Datasheet HTML 25Page - Motorola, Inc MCD212 Datasheet HTML 26Page - Motorola, Inc MCD212 Datasheet HTML 27Page - Motorola, Inc MCD212 Datasheet HTML 28Page - Motorola, Inc MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
MCD212
4–4
MOTOROLA
4.3
DRAM TIMING
The DRAM timing is based on the CLK clock (see Figure 4–3).
CLK
RAS
CAS1
CAS2
UWR
LWR
MD0 – MD15
WRITE
MD0 – MD15
READ
SYSTEM
CH#1 OR CH#2
ROW
COL
ROW
COL
COL
COL
COL
MA0 – MA9
Figure 4–3. DRAM Timing
In the CH#1/CH#2 slot a burst of four words are read in fast page mode. If a page break occurs, the
burst is incomplete. In the system slot a random read or write is possible.
The memory address bus (MA) is multiplexed in order to present the row address on RAS falling edge
and the column address on CAS1 or CAS2 falling edge. The correspondence between memory ad-
dress bus, MA0 – MA9 and system address A1 – A22 is indicated in Table 4–2. CAS1 and CAS2
function as bank select signals (see Table 4–3).
Table 4–2. Memory Address Distribution
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
MA8
MA9
RAS
A11
A12
A13
A14
A15
A16
A17
A18
Ax
A19
CAS
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
Ax = A10 for TD = 0 (256K x 4, 256K x 16)
Ax = A18 for TD = 1 (1M x 4)
Table 4–3. CAS1 and CAS2 Assertion
TD = 0
CAS1 asserted if validated and A18 = 0, A19 = 0, A20 = 0, A22 = 0
CAS2 asserted if validated and A18 = 1, A19 = 0, A20 = 0, A22 = 0
TD = 1
CAS1 asserted if validated and A20 = 0, A22 = 0
CAS2 asserted if validated and A20 = 1, A22 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com