Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 31 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 27Page - Motorola, Inc MCD212 Datasheet HTML 28Page - Motorola, Inc MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc MCD212 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
MCD212
5–2
MOTOROLA
5.2
RESOLUTION
The normal full–screen resolution of the VDSC is shown in Table 5–1.
Table 5–1. Normal Full–Screen Display Resolution
Display
Number of Pixels
Horizontally
Number of Pixels
Vertically
NTSC Monitors
360
240
NTSC TVs
384
240
PAL TVs
384
280
In addition to normal resolution, the VDSC provides both double resolution and high resolution modes.
Double resolution is defined as twice the normal resolution in the horizontal direction, whereas high
resolution is defined as twice the resolution in both horizontal and vertical directions. Although most
TVs are not capable of clearly displaying single pixels in double resolution mode, this mode is useful
in two areas:
• Where double resolution pixel pairs can give increased positional accuracy.
• Where a single pixel’s reduced display quality does not reduce the identifiability of the graphic object
or character (i.e., Kanji characters).
NORMAL RESOLUTION
(SINGLE PIXELS)
DOUBLE RESOLUTION
(PIXEL PAIRS)
DOUBLE RESOLUTION
(SINGLE PIXELS)
Figure 5–2. Example of Normal and Double Resolution Pixels
5.2.1
Horizontal Resolution
The horizontal resolution can be different between the two graphics planes (A and B) but both are
controlled by various factors; the CF (Crystal Frequency) bit in the DCR1 register, the ST (Standard)
bit in the CSR1W register, the CM1(Color Mode 1) bit in the DCR1 register, the CM2 (Color Mode 2)
bit in the DCR2 register, and the frequency of the crystal. The effects of the various bits on the resolu-
tion are shown in Table 5–2.
Table 5–2. Horizontal Resolution
Frequency
Pixels/Line
Active Line
Display
CF
ST
Frequency
(MHz)
CM = 0
CM = 1
Active Line
(
µs)
Display
System
0
x
28
360
720
51.4
NTSC Monitor
1
0
30/30.2097
384
768
51.2/50.84
PAL/NTSC TV
1
1
30/30.2097
360
720
48/47.67
PAL/NTSC TV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com