Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 22 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 18Page - Motorola, Inc MCD212 Datasheet HTML 19Page - Motorola, Inc MCD212 Datasheet HTML 20Page - Motorola, Inc MCD212 Datasheet HTML 21Page - Motorola, Inc MCD212 Datasheet HTML 22Page - Motorola, Inc MCD212 Datasheet HTML 23Page - Motorola, Inc MCD212 Datasheet HTML 24Page - Motorola, Inc MCD212 Datasheet HTML 25Page - Motorola, Inc MCD212 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
MCD212
3–3
MOTOROLA
3.5
ADDRESS DECODING
The VDSC is connected to the system bus via 22 address lines and upper and lower data strobes. The
address decoding is validated by CS.
Table 3–1. Address Map
h000000 – h3FFFFF
DRAM (4M byte)
h400000 – h4FFBFF
System ROM (1M byte)
h4FFC00 – h4FFFDF
System I/O (1K byte)
h4FFFE0 – h4FFFEF
Channel 2 internal registers
h4FFFF0 – h4FFFFF
Channel 1 internal registers
NOTE:The system ROM decoding asserts the CSROM pin that is not
sensitive to the R/W signal. This allows the use of static RAM in
the ROM mapping area. The system I/O decoding asserts the
CSIO pin.
3.6
DATA ACKNOWLEDGE GENERATION
A data transfer is initiated by an upper and/or lower data strobe (U/LDS) from the system. A data
transfer is acknowledged by the VDSC via DTACK. A data transfer is terminated by U/LDS becoming
inactive followed by DTACK becoming inactive.
The VDSC generates the data acknowledge (DTACK) depending on the addressed area:
• Access to the DRAM is acknowledged as soon as it is certain that data can be read or written by the
system.
• Access to the system ROM is acknowledged after a programmable number of clock or CLK cycles. The
DTACK delay is controlled by Control Register CSR1W.
If U/LDS becomes inactive before DTACK is generated by the VDSC, DTACK will not be generated.
Table 3–2. DTACK Delay for ROM
DD
DD1
DD2
CLK Cycles
0
x
x
11
≥ 12
1
0
0
3
≥ 4
1
0
1
5
≥ 6
1
1
0
7
≥ 8
1
1
1
9
≥ 10
NOTE: Access to the SYSTEM I/O device (CSIO
pin) is not acknowledged by the VDSC
but by the addressed device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com