Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 33 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc MCD212 Datasheet HTML 35Page - Motorola, Inc MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
MCD212
5–4
MOTOROLA
5.3
TIMING
The following tables and figures depict the horizontal and vertical timing for the HSYNC, VSYNC,
CSYNC, and BLANK signals in the master mode.
HSYNC
BLANK
A
B
C
DE
A: total horizontal line duration
B: active horizontal line duration
1 cycle = 16 CLK periods
1 cycle = 571.43 ns (CLK = 28 MHz – NTSC monitor)
1 cycle = 533.33 ns (CLK = 30 MHz – PAL TV)
1 cycle 529.63 ns (CLK = 30.2097 MHz – NTSC TV)
NOTES:
Figure 5–4. HSYNC and BLANK Timing
Table 5–5. Horizontal Synchronization Timing
CF=0
CLK=
28 MHz
CF = 1
ST=0
CLK =
30 MHz
CLK =
30 2097 MHz
CF = 1
ST=1
CLK =
30 MHz
CLK =
30 2097 MHz
CF = 0
(Cycles)
28 MHz
(
µs)
ST = 0
(Cycles)
30 MHz
(
µs)
30.2097 MHz
(
µs)
ST = 1
(Cycles)
30 MHz
(
µs)
30.2097 MHz
(
µs)
A
112
64.0
120
64.0
63.56
120
64.0
63.56
B
90
51.43
96
51.2
50.84
90
48.0
47.67
C
19
10.9
20
10.7
10.59
23
12.3
12.18
D
3
1.71
4
2.13
2.12
7
3.7
4.77
E
8
4.57
9
4.8
4.77
9
4.8
4.77
G
4
2.29
4
2.13
2.12
4
2.13
2.12
H
8
4.57
9
4.8
4.77
9
4.8
4.77
VSYNC
BLANK
J
K
L
MP
NOTES:
J = Total Vertical Display Period
K = Active Vertical Display
P = Vertical Sync Width
Figure 5–5. VSYNC and BLANK Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com