Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 49 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 45Page - Motorola, Inc MCD212 Datasheet HTML 46Page - Motorola, Inc MCD212 Datasheet HTML 47Page - Motorola, Inc MCD212 Datasheet HTML 48Page - Motorola, Inc MCD212 Datasheet HTML 49Page - Motorola, Inc MCD212 Datasheet HTML 50Page - Motorola, Inc MCD212 Datasheet HTML 51Page - Motorola, Inc MCD212 Datasheet HTML 52Page - Motorola, Inc MCD212 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
MCD212
5–20
MOTOROLA
5.7
VIDEO SYNCHRONIZATION
If the DE (Display Enable) bit in the DCR1 register is set, the VDSC generates video synchronization
at outputs HSYNC, VSYNC, CSYNC and BLANK. If DE is reset, the HSYNC, VSYNC, and CSYNC
outputs are high and the BLANK output is low.
The VDSC may work in master or in slave TV mode. Selection of the mode is done with the
M/S pin. If the M/S (Master/Slave) pin is pulled up, then the master mode is selected. If this pin is
pulled down then the slave TV mode is selected.
Table 5–38. Synchronization Modes
M/S
Synchro
Mode
HSYNC
CSYNC
VSYNC
1
Master
Out
Out
Out
0
Slave TV
Out
Out
In
In the master mode, the HSYNC, CSYNC, and VSYNC signals are generated as output.
In the slave TV mode, HSYNC and CSYNC are generated as output, the VSYNC pin is in the input
mode and must receive an external VSYNC signal. An even frame is displayed if the falling edge of
the VSYNC input falls in the range from 1/4 to 3/4 between two successive falling edges of the HSYNC
output. An odd frame is displayed if the falling edge of VSYNC falls outside this range. HSYNC is input
to the phase comperator of an external phase–lock loop oscillator supplying CLK. The other input of
the phase comparator is an external HSYNC signal.
VSYNC
EXT. VIDEO
SUBSYSTEM
EXTERNAL
PLL
HSYNC
HSYNC
CLK
VDSC
Figure 5–12. VDSC in Slave Mode with an External PLL for Clock Generation
VSYNC
EXT. VIDEO
SUBSYSTEM
HSYNC
CLK
VDSC
Figure 5–13. VDSC in Slave Mode with an External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com