| Electronic Components Datasheet Search |
|
MCD212 Datasheet(PDF) 17 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MCD212 Datasheet(HTML) 17 Page - Motorola, Inc |
|
17 / 87 page ![]() MCD212 2–2 MOTOROLA CSROM O Chip Select ROM output. Active low. Asserted by an access on the system bus in the ROM address area, and when UDS and/or LDS are asserted. CSIO O Chip Select I/O output. Active low. Asserted by an access on the system bus in the I/O area, and when UDS and/or LDS are asserted. INT O Interrupt request output. Active low, three–state. Used to generate interrupts to the CPU. This pin must be pulled up externally. 2.2.2 Dynamic RAM Interface Mnemonic Type Name and Function MA0 – MA9 O Memory Address lines. Multiplexed row/column address line outputs for DRAM control. MD0 – MD15 I/O Bidirectional Memory Data bus, three–state. Used to transfer data between DRAM bus and VDSC. Stable when LWR and/or UWR is asserted during a write cycle. Driven by VDSC during read cycles. MD0 is the least significant bit. RAS O Row Address Strobe. Active low. Validates the DRAM row address on the falling edge. CAS1 I/O Column Address Strobe for memory bank 1. Active low, three–state. Validates the DRAM column address on the falling edge. Input during reset sequence to select/deselect memory bank 1. Active high validates bank inputs. CAS2 I/O Column Address Strobe for memory bank 2. Active low, three–state. Validates the DRAM column address on the falling edge. Input during reset sequence to select/deselect memory bank 2. Active high validates bank inputs. UWR O Write signal for DRAM. Active low. It is asserted when writing MD8 – MD15 to the DRAM. LWR O Write signal for DRAM. Active low. It is asserted when writing MD0 – MD7 to the DRAM. 2.2.3 Video Interface Mnemonic Type Name and Function R0 – R7 O Red color output (R7 = MSB, R0 = LSB). Three–state. G0 – G7 O Green color output (G7 = MSB, G0 = LSB). Three–state. B0 – B7 O Blue color output (B7 = MSB, B0 = LSB). Three–state. OE I Output Enable. Active high. It disables three–state of RGB output. VSYNC I/O Vertical Synchronization. Active low. In master mode, this output is used as vertical synchronization signal for monitor. In slave TV mode it becomes a vertical synchronization input. HSYNC O Horizontal Synchronization. Active low. This output is used as a horizontal synchronization signal. CSYNC O Composite synchronization. Active low. This output is used as a composite synchronization signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |