Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 74 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 74 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 70Page - Motorola, Inc MCD212 Datasheet HTML 71Page - Motorola, Inc MCD212 Datasheet HTML 72Page - Motorola, Inc MCD212 Datasheet HTML 73Page - Motorola, Inc MCD212 Datasheet HTML 74Page - Motorola, Inc MCD212 Datasheet HTML 75Page - Motorola, Inc MCD212 Datasheet HTML 76Page - Motorola, Inc MCD212 Datasheet HTML 77Page - Motorola, Inc MCD212 Datasheet HTML 78Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
MCD212
11–1
MOTOROLA
11
ELECTRICAL SPECIFICATION
11.1
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
– 0.5
+ 7.0
V
Input Voltage
VI
– 1.5
VDD + 1.5
V
Output Voltage
VO
– 0.5
VDD + 0.5
V
Output Current
IO
—
± 25
mA
Power Dissipation
PD
—
1200
mW
Operating Temperature
Topr
0
+ 70
°C
Storage Temperature
Tstg
– 65
+ 150
°C
Test Conditions: VSS = 0 V, TA = 70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com