Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 26 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 22Page - Motorola, Inc MCD212 Datasheet HTML 23Page - Motorola, Inc MCD212 Datasheet HTML 24Page - Motorola, Inc MCD212 Datasheet HTML 25Page - Motorola, Inc MCD212 Datasheet HTML 26Page - Motorola, Inc MCD212 Datasheet HTML 27Page - Motorola, Inc MCD212 Datasheet HTML 28Page - Motorola, Inc MCD212 Datasheet HTML 29Page - Motorola, Inc MCD212 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
MCD212
4–3
MOTOROLA
Eleven CLK periods are used for accessing CH#1 or CH#2 data, as shown in Figure 4–3. This repre-
sents four DRAM accesses for data. These four 16–bit words can represent varying amounts of pixel
data in plane #1 or plane #2. For example, when using RGB555 data type, the four accesses repre-
sent color information for four pixels. (NOTE: Only plane 2 is available with RGB555 data; therefore,
one complete display period contains color information for eight pixels.) The remaining five CLK peri-
ods are used for one DRAM access for system data.
When no video or refresh functions are required, the access to DRAM is free–running with no display
periods, so that a system bus access can be accepted at any time. Examples of this are after a stop
instruction in ICA/DCA or during run–length files.
The selection between display, ICA, DCA, and refresh is done according to Figure 4–2, the time
domain of a video frame.
RF
DISPLAY
RF
DCA
ICA
FREE–RUN
VIDEO
FIELD
VERT.
RES
VIDEO LINE
1
1
HORIZ. RES/8 + 1
0 TO 8
NOTES:
1. RF is the refresh time area. Eight DRAM rows are refreshed per video line.
2. ICA and DCA only exist if enabled.
3. The free–run area starts when the ICA/DCA is completed or when an ICA/DCA stop instruction is
encountered.
4. If the display is not enabled, the entire area is free–run except the refresh areas.
5. Each number is the number of display periods (32 CLK cycles).
6. Horizontal resolution is the number of pixels in normal resolution.
Figure 4–2. DRAM Cycles
Example:
The ICA time is at the beginning of each vertical field as shown in Figure 4–2. If there are no ICA
instructions to execute, then this is free–run time. There is one display period when eight row
addresses can be refreshed. Then, to calculate the maximum number of display periods in the display
area, divide the normal resolution by 8 and add 1 (i.e., 384/8 = 48). Then there is one display period
for refresh. Next is the DCA time if it has been enabled. The number of pixel periods of the DCA is
programmed in the DCR register, with 8 (= 64 bytes) being the maximum. The rest of the video line
time is then available as free–run time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com