Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 18 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 14Page - Motorola, Inc MCD212 Datasheet HTML 15Page - Motorola, Inc MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc MCD212 Datasheet HTML 18Page - Motorola, Inc MCD212 Datasheet HTML 19Page - Motorola, Inc MCD212 Datasheet HTML 20Page - Motorola, Inc MCD212 Datasheet HTML 21Page - Motorola, Inc MCD212 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
MCD212
2–3
MOTOROLA
BLANK
O
Blanking output. Active low. It is asserted during vertical and
horizontal blanking periods and high the rest of the time.
VSD
O
Video Select for digital video. Active low. This signal is synchronous
to the digital video output.
VSA
O
Video Select for analog video. Active low. This signal is a CLK2
clock cycle delayed version of VSD and synchronous to analog
video after clocked D/A conversion.
M/S
I
Master/Slave TV mode selection. When high, the VDSC generates
the video timing. When low the vertical synchronization can be
slaved to an external video timing.
2.2.4
JTAG Test Signals
Mnemonic
Type
Name and Function
TCK
I
JTAG Test Clock input. Provides the clock for the test logic defined
by IEEE Std. 1149.1–1990. 100 k
Ω internal pull–up.
TMS
I
JTAG Test Mode Select input. The signal decoded by the TAP
controller to control test operations, defined by IEEE Std.
1149.1–1990. 100 k
Ω internal pull–up.
TDI
I
JTAG Test Data input. Pin at which serial test instructions and data
are received by the test logic, defined by IEEE Std. 1149.1–1990.
100 k
Ω internal pull–up.
TDO
OT
JTAG Test Data output. Three–state. Serial output for test
instructions and data from the test logic defined by IEEE Std.
1149.1–1990.
A23
OT
System Address line (three–stated in functional mode). During JTAG
EXTEST, A23 may drive system address line A23 off–chip.
AS
OT
System Address strobe (three–stated in functional mode). During
JTAG EXTEST, AS may drive the system address strobe line AS
off–chip.
DTACKSEL
I
Selects advance time of the falling edge of DTACK before data
(read) is valid on pins D0 – D15. For designs using 68000/68070–16
or 68340/341–16 series processors, tie DTACKSEL low; for
68340/341–25 designs, tie DTACKSEL high.
2.2.5
Miscellaneous Signals
Mnemonic
Type
Name and Function
CLK
I
External clock input.
RSTIN
I
Reset input. Active low. Schmitt trigger. Initiates a reset sequence.
CLK2
O
CLK/2 clock output. Frequency is CLK frequency divided by 2.
CLK2
O
CLK/2 clock output. Frequency is CLK frequency divided by 2.
Inverse of CLK2.
VDD
I
Power supply pins (5 V).
VSS
I
Power and signal ground pins.
NOTE: All the pins are TTL compatible, except for CLK and RSTIN, which use CMOS levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com