Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 35 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 31Page - Motorola, Inc MCD212 Datasheet HTML 32Page - Motorola, Inc MCD212 Datasheet HTML 33Page - Motorola, Inc MCD212 Datasheet HTML 34Page - Motorola, Inc MCD212 Datasheet HTML 35Page - Motorola, Inc MCD212 Datasheet HTML 36Page - Motorola, Inc MCD212 Datasheet HTML 37Page - Motorola, Inc MCD212 Datasheet HTML 38Page - Motorola, Inc MCD212 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
MCD212
5–6
MOTOROLA
VSYNC
P
CSYNC
(ODD FIELD)
623
624
625
1
2
3
4
5
310
311
312
313
314
315
316
317
CSYNC
(EVEN FIELD)
318
A
A/2
GH
Figure 5–8. CSYNC Timing in the 50 Hz (FD = 0), Interlace Mode (SM = 1)
VSYNC
P
CSYNC
(ODD FIELD)
523
524
525
1
2
3
4
5
260
261
262
263
264
265
266
267
CSYNC
(EVEN FIELD)
268
Figure 5–9. CSYNC Timing in the 60 Hz (FD = 1), Interlace Mode (SM = 1)
5.4
SOFTWARE
The VDSC offers the possibility to fetch control information during vertical and horizontal retrace peri-
ods from the Image Control Area (ICA) and Dynamic Control Area (DCA), respectively. Each video
channel has its associated ICA and DCA. For channel 1 this is ICA1 and DCA1, and for channel 2 this
is ICA2 and DCA2. ICA/DCA control is identical and independent for both channels.
5.4.1
ICA Control
ICA control consists of fetching long–word instructions during the vertical retrace period. The ICA
pointers are indicated in Table 5–8.
Table 5–8. ICA Pointer Addresses
NI
l
Interlace
Non–Interlace
Odd Field
(PA = 1)
Even Field
(PA = 0)
Channel 1 (ICA1)
h400
h400
h404
Channel 2 (ICA2)
h200400
h200400
h200404
NOTE: Odd and even fields are indicated by the PA bit in the CSR1R register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com