Electronic Components Datasheet Search
  English  ▼

X  

MCD212 Datasheet(PDF) 77 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 77 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 73Page - Motorola, Inc MCD212 Datasheet HTML 74Page - Motorola, Inc MCD212 Datasheet HTML 75Page - Motorola, Inc MCD212 Datasheet HTML 76Page - Motorola, Inc MCD212 Datasheet HTML 77Page - Motorola, Inc MCD212 Datasheet HTML 78Page - Motorola, Inc MCD212 Datasheet HTML 79Page - Motorola, Inc MCD212 Datasheet HTML 80Page - Motorola, Inc MCD212 Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
MCD212
11–4
MOTOROLA
TIMING (continued)
No.
Note
Unit
Max
Min
Parameter
42
CAS Low to RAS High Delay (tRSH)
25
—
ns
42
CAS Low to RAS High Delay (tRSH)
25
—
ns
43
RAS Low to CAS High Delay (tCSH)
95
—
ns
43
RAS Low to CAS High Delay (tCSH)
95
—
ns
44
RAS Low to Column Address Delay (tRAD)
30
—
ns
45
Row Address Set–Up Time (tASR)
15
—
ns
46
Row Address Hold Time (tRAH)
30
—
ns
47
Column Address Set–Up Time (tASC)
20
—
ns
48
Column Address Hold Time (tCAH)
25
—
ns
49
Data Set–Up Time to CAS Low (tDS)
100
—
ns
50
Data Hold Time to CAS Low (tDH)
40
—
ns
51
Read Set–Up Time to CAS Low (tRCS)
75
—
ns
52
Read Hold Time to CAS High (tRCH)
35
—
ns
53
Write Set–Up Time to CAS Low (tWCS)
70
—
ns
54
Write Hold Time to CAS Low (tWCH)
75
—
ns
55
RAS Low to Data Valid (tRAC)
—
90
ns
56
CAS Low to Data Valid (tCAC)
—
21
ns
57
Column Address to Data Valid (tAA)
RAS Cycle Time
CAS Cycle Time
150
50
45
45
ns
58
CAS High to Data Invalid (tOFF)
0
—
ns
59
Refresh Period 1M (tRFSH)
9
—
ns
60
Refresh Period 256K x 4 and 256K x 16 (tRFSH)
5
—
ns
61
RSTIN Low to RSTOUT/HALT Low
75
140
ns
62
RSTIN Low Time
2
—
ns
63
RSTIN High to RSTOUT High
150
160
ns
64
RSTOUT High to HALT High
59
64
ns
65
U/LDS High to BERR High
TBD
TBD
ns
66
DTACKSEL to DTACK Delay Active
TBD
TBD
ns
67
DTACK Low to Data Invalid (Write)
TBD
TBD
ns
DELAY TIMES
DD0
DD1
DD2
CLK = 28 MHz
CLK = 30 MHz
CLK =
30.2097 MHz
Ui
DD0
DD1
DD2
Min
Max
Min
Max
Min
Max
Units
0
x
x
400
470
375
445
370
440
ns
1
0
0
115
185
110
175
105
170
ns
1
0
1
185
260
175
240
170
235
ns
1
1
0
260
330
240
310
235
305
ns
1
1
1
330
400
310
375
305
370
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com