Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 109Page - NXP Semiconductors CLRC663 Datasheet HTML 110Page - NXP Semiconductors CLRC663 Datasheet HTML 111Page - NXP Semiconductors CLRC663 Datasheet HTML 112Page - NXP Semiconductors CLRC663 Datasheet HTML 113Page - NXP Semiconductors CLRC663 Datasheet HTML 114Page - NXP Semiconductors CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
113 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.17.6 RxMod
9.17.7 RxCorr
Table 235. RxMod register (address 5Dh)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
RFU
PreFilter
RectFilter
SyncHigh
CorrInv
FSK
BPSK
Access
rights
-
-
r/w
r/w
r/w
r/w
r/w
r/w
Table 236. RxMod bits
Bit
Symbol
Description
7 to 6
-
RFU
5
PreFilter
If set 4 samples are combined to one data. (average)
4
RectFilter
If set, the ADC-values are changed to a more rectangular wave shape
3
SyncHigh
Defines if the bit grid is fixed at maximum (1) or at minimum (0) value
of the correlation.
2
CorrInv
Defines a logical for Manchester coding:
0: subcarrier / no subcarrier
1
FSK
If set to 1, the demodulation scheme is set to FSK
0
BPSK
If set to 1, the modulation scheme is BPSK
Table 237. RxCorr register (address 5Eh)
Bit
7
6
5
4
3
2
1
0
Symbol
CorrFreq
CorrSpeed
CorrLen
RFU
Access
rights
r/w
r/w
r/w
r/w
r/w
-
Table 238. RxCorr bits
Bit
Symbol
Description
7, 6
CorrFreq
0h - 212 kHz
1h - 424 kHz
2h - 848 kHz
3h - 848 kHz
5, 4
CorrSpeed
Defines the number of clocks used for one correlation.
0h - ISO/IEC 14443
1h - ICODE 53 kBd, FeliCa 424 kBd
2h - ICODE 26 kBd, FeliCa 212 kBd
3h - RFU
3
CorrLen
Defines the length of the correlation data. (64 or 32 values)
If set the lengths of the correlation data is 32 values. (ISO/IEC 18000-3
mode 3/ EPC Class-1HF, 2 Pulse Manchester 848 kHz subcarrier)
2 to 0
RFU
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com