Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 113Page - NXP Semiconductors CLRC663 Datasheet HTML 114Page - NXP Semiconductors CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
117 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
[1]
Ipd is the total current for all supplies.
[2]
IDD(PVDD) depends on the overall load at the digital pins.
[3]
IDD(TVDD) depends on VDD(TVDD) and the external circuit connected to pins TX1 and TX2.
[4]
During typical circuit operation, the overall current is below 100 mA.
[5]
Typical value using a complementary driver configuration and an antenna matched to 40
 between pins TX1 and TX2 at 13.56 MHz.
Vmod(pp)
modulation voltage
Vmod(pp) =Vi(pp)(max)  Vi(pp)(mi
n)
-2.5
-
mV
Vpp
signal on RXP, RXN
-
-
1.65
V
Pins TX1 and TX2
Vo
output voltage
Vss(TVSS)
-VDD(TVDD)
V
Ro
output resistance
-
1.5
-
W
Current consumption
Ipd
power-down current
power-down
-
8
200
nA
standby current
[1] -3
6
A
ILPCD
LPCD sleep current
[1] -3
6
A
IDD
supply current
-
17
20
mA
modem off; transceiver off
-
0.45 0.5
mA
IDD(PVDD)
PVDD supply current
no load on digital pin
[2] --
10
A
IDD(TVDD)
TVDD supply current
[3][4][5] -
100
200
mA
Clock frequency Pin CLKOUT
fclk
clock frequency
-
27.1
2
-MHz
clk
clock duty cycle
-
50
-
%
Crystal oscillator
Vo(p-p)
peak-to-peak output
voltage
pin XTAL1
-
1
-
V
Vi
input voltage
pin XTAL1
0
-
1.8
V
Ci
input capacitance
pin XTAL1
-
3
-
pF
Typical input requirements
fxtal
crystal frequency
-
27.1
2
-MHz
ESR
equivalent series
resistance
-50
100
CL
load capacitance
-
10
-
pF
Pxtal
crystal power dissipation
-
50
100
W
Table 246. Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com