Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
120 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
14. Application information
A typical application diagram using a complementary antenna connection to the CLRC663
is shown in Figure 36.
The antenna tuning and RF part matching is described in the application note Ref. 1 and
Ref. 2.
14.1 Antenna design description
The matching circuit for the antenna consists of an EMC low pass filter (L0 and C0), a
matching circuitry (C1 and C2), and a receiving circuits (R1 = R3, R2 = R4, C3 = C5 and
C4 = C6;), and the antenna itself. The receiving circuit component values needs to be
designed for operation with the CLRC663. A reuse of dedicated antenna designs done for
other products without adaptation of component values will result in degraded
performance.
For a more detailed information about designing and tuning the antenna please refer to
the relevant application notes:
• MICORE reader IC family; Directly Matched Antenna Design, Ref. 1 and
• MIFARE (14443A) 13.56 MHz RFID Proximity Antennas, Ref. 2.
14.1.1 EMC low pass filter
The MIFARE system operates at a frequency of 13.56 MHz. This frequency is generated
by a quartz oscillator to clock the CLRC663 and is also the basis for driving the antenna
with the 13.56 MHz energy carrier. This will not only cause emitted power at 13.56 MHz
Fig 36. Typical application antenna circuit diagram
001aam269
VDD
PVDD
MICRO-
PROCESSOR
host
interface
TVDD
XTAL1
XTAL2
RXN
VMID
TX1
TVSS
TX2
9
825
18
19
VSS
33
20
13
14
17
16
15
14
21
28-31
32
PDOWN
IRQ
7
DVDD
AVDD
12
RXP
READER IC
R1
L0
C1
Ra
Ra
C1
L0
R2
R4
C0
C0
C2
C2
CRXN
CRXP
Cvmid
R3
27.12 MHz
antenna
Lant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com