Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors CLRC663 Datasheet HTML 125Page - NXP Semiconductors CLRC663 Datasheet HTML 126Page - NXP Semiconductors CLRC663 Datasheet HTML 127Page - NXP Semiconductors CLRC663 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
124 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Detailed package information can be found at
http://www.nxp.com/package/SOT617-1.html.
16. Handling information
Moisture Sensitivity Level (MSL) evaluation has been performed according to
SNW-FQ-225B rev.04/07/07 (JEDEC J-STD-020C). MSL for this package is level 2 which
means 260
C convection reflow temperature.
Dry pack is required.
1 year out-of-pack floor life at maximum ambient temperature 30
C/ 85 % RH.
17. Packing information
Fig 38. Packing information 1 tray
001aaj740
strap 46 mm from corner
tray
chamfer
PIN 1
chamfer
PIN 1
printed piano box
ESD warning preprinted
barcode label (permanent)
barcode label (peel-off)
QA seal
Hyatt patent preprinted
The straps around the package of
stacked trays inside the piano-box
have sufficient pre-tension to avoid
loosening of the trays.
In the traystack (2 trays)
only ONE tray type* allowed
*one supplier and one revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com