Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 127 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors CLRC663 Datasheet HTML 125Page - NXP Semiconductors CLRC663 Datasheet HTML 126Page - NXP Semiconductors CLRC663 Datasheet HTML 127Page - NXP Semiconductors CLRC663 Datasheet HTML 128Page - NXP Semiconductors CLRC663 Datasheet HTML 129Page - NXP Semiconductors CLRC663 Datasheet HTML 130Page - NXP Semiconductors CLRC663 Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
127 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
20. Revision history
Table 250. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
CLRC663 v.3.3
20120403
Product data sheet
-
CLRC663 v.3.2
Modifications:
• Description of SAM support added
• General update
CLRC663 v.3.2
20120207
Product data sheet
-
CLRC663 v.3.1
Modifications:
• General update
• Specification status changed into “Product data sheet”
CLRC663 v.3.1
20110926
Preliminary data sheet
-
CLRC663 v.3.0
Modifications:
• Specification status reversed from “Product data sheet” into “Preliminary data sheet”
CLRC663 v.3.0
20110919
Product data sheet
-
CLRC663 v.2.0
Modifications:
• Section 5 “Ordering information”: updated
• Section 8 “Functional description”. Section 9 “CLRC663 registers”: updated
• Section 8.7.2.1 “Product information and configuration - Page 0”: updated
• Section 8.10.2 “Command set overview”: updated
• Table 18 “Command overview”, Table 57 “FIFOData register (address 05h);”Table 156
“RxCtrl bits”: updated
• Table 246 “Characteristics”: updated
CLRC663 v.2.0
20110615
Preliminary data sheet
-
CLRC663 v.1.0
Modifications:
• General update
CLRC663 v.1.0
20110308
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com