Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors CLRC663 Datasheet HTML 125Page - NXP Semiconductors CLRC663 Datasheet HTML 126Page - NXP Semiconductors CLRC663 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
123 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
15. Package outline
Fig 37. Package outline SOT617-1 (HVQFN32)
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.1
4.9
Dh
3.25
2.95
y1
5.1
4.9
3.25
2.95
e1
3.5
e2
3.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT617-1
MO-220
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT617-1
HVQFN32: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
916
32
25
24
17
8
1
X
D
E
C
B
A
e2
terminal 1
index area
terminal 1
index area
01-08-08
02-10-18
1/2
e
1/2
e
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com