Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 111Page - NXP Semiconductors CLRC663 Datasheet HTML 112Page - NXP Semiconductors CLRC663 Datasheet HTML 113Page - NXP Semiconductors CLRC663 Datasheet HTML 114Page - NXP Semiconductors CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
115 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
10. Limiting values
11. Recommended operating conditions
[1]
VDD(PVDD) must always be the same or lower than VDD.
12. Thermal characteristics
13. Characteristics
Table 243. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+5.5
V
VDD(PVDD) PVDD supply voltage
0.5
+5.5
V
VDD(TVDD) TVDD supply voltage
0.5
+5.5
V
Vi(RXP)
input voltage on pin RXP
-0.5
+2.0
V
Vi(RXN)
input voltage on pin RXN
-0.5
+2.0
V
Ptot
total power dissipation
per package
-
1125
mW
VESD
electrostatic discharge voltage Human Body Model (HBM);
1500
, 100 pF;
JESD22-A114-B
-
2000
V
Tj(max)
maximum junction
temperature
-
150
°C
Table 244. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
5
5.5
V
VDD(TVDD)
TVDD supply voltage
[1] 355.5
V
VDD(PVDD)
PVDD supply voltage
3
5
5.5
V
Tamb
ambient temperature
25
-
+85
C
Table 245. Thermal characteristics
Symbol Parameter
Conditions
Package
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in still air with exposed pin soldered on a
4 layer JEDEC PCB
HVQFN32
40
K/W
Table 246. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics I/O Pin Characteristics IF3-SDA in I2C configuration
ILI
input leakage current
output disabled
-
2
100
nA
VIL
LOW-level input voltage
0.5
-
+0.3VDD(PVDD)
V
VIH
HIGH-level input voltage
0.7VDD(PVDD)
-VDD(PVDD) + 0.5 V
VOL
LOW-level output voltage
IOL = 3 mA
-
-
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com