Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 111 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 111 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 107Page - Agere Systems OR3C80 Datasheet HTML 108Page - Agere Systems OR3C80 Datasheet HTML 109Page - Agere Systems OR3C80 Datasheet HTML 110Page - Agere Systems OR3C80 Datasheet HTML 111Page - Agere Systems OR3C80 Datasheet HTML 112Page - Agere Systems OR3C80 Datasheet HTML 113Page - Agere Systems OR3C80 Datasheet HTML 114Page - Agere Systems OR3C80 Datasheet HTML 115Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 210 page
background image
Lucent Technologies Inc.
111
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
PLC Timing
Table 46. PFU Output MUX and Direct Routing Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* This is general feedback using switching segments. See the combinatorial PFU timing table for softwired look-up table feedback timing.
SLIC Timing
Table 47. Supplemental Logic and Interconnect Cell (SLIC) Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
(TJ = 85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
PFU Output MUX (Fan-out = 1)
Output MUX Delay (F[7:0]/Q[7:0] to O[9:0])
Carry-out MUX Delay (COUT to O9)
Registered Carry-out MUX Delay (REGCOUT
to O8)
OMUX_DEL
COO9_DEL
RCOO8_DEL
—
—
—
0.50
0.34
0.34
—
—
—
0.39
0.26
0.26
—
—
—
0.35
0.24
0.24
—
—
—
0.28
0.18
0.18
ns
ns
ns
Direct Routing
PFU Feedback (xSW)*
PFU to Orthogonal PFU Delay (xSW to xSW)
PFU to Diagonal PFU Delay (xBID to xSW)
FDBK_DEL
ODIR_DEL
DDIR_DEL
—
—
—
1.74
2.21
2.69
—
—
—
1.41
1.77
2.19
—
—
—
1.48
1.75
2.53
—
—
—
1.14
1.39
1.98
ns
ns
ns
Parameter
(TJ = 85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
3-Statable BIDIs
BIDI Delay (BRx to BLx, BLx to BRx)
BIDI Delay (Ox to BRx, Ox to BLx)
BIDI 3-state Enable/Disable Delay (TRI to BL, BR)
BIDI 3-state Enable/Disable Delay
(BL, BR via DEC, TRI to BL, BR)
BUF_DEL
OBUF_DEL
TRI_DEL
DECTRI_DEL
—
—
—
—
0.84
0.72
2.55
3.59
—
—
—
—
0.70
0.61
1.90
2.65
—
—
—
—
0.94
0.87
1.31
1.91
—
—
—
—
0.77
0.70
1.01
1.48
ns
ns
ns
ns
Decoder
Decoder Delay (BR[9:8], BL[9:8] to DEC)
Decoder Delay (BR[7:0], BL[7:0] to DEC)
DEC98_DEL
DEC_DEL
—
—
2.39
2.35
—
—
1.85
1.82
—
—
1.27
1.23
—
—
1.02
0.99
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com