Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 112 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 112 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 108Page - Agere Systems OR3C80 Datasheet HTML 109Page - Agere Systems OR3C80 Datasheet HTML 110Page - Agere Systems OR3C80 Datasheet HTML 111Page - Agere Systems OR3C80 Datasheet HTML 112Page - Agere Systems OR3C80 Datasheet HTML 113Page - Agere Systems OR3C80 Datasheet HTML 114Page - Agere Systems OR3C80 Datasheet HTML 115Page - Agere Systems OR3C80 Datasheet HTML 116Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 210 page
background image
112
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
PIO Timing
Table 48. Programmable I/O (PIO) Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Input Delays (TJ = 85 °C, VDD = min)
Input Rise Time
IN_RIS
—
500
—
500
—
500
—
500
ns
Input Fall Time
IN_FAL
—
500
—
500
—
500
—
500
ns
PIO Direct Delays:
Pad to In (pad to CLK IN)
Pad to In (pad to IN1, IN2)
Pad to In Delayed (pad to IN1, IN2)
CKIN_DEL
IN_DEL
IND_DEL
—
—
—
1.41
2.16
9.05
—
—
—
1.26
1.87
7.83
—
—
—
0.64
1.28
6.64
—
—
—
0.41
0.90
7.27
ns
ns
ns
PIO Transparent Latch Delays:
Pad to In (pad to IN1, IN2)
Pad to In Delayed (pad to IN1, IN2)
LATCH_DEL
LATCHD_DEL
—
—
4.11
10.58
—
—
3.25
9.05
—
—
2.52
7.67
—
—
1.82
7.65
ns
ns
Input Latch/FF Setup Timing:
Pad to ExpressCLK (fast-capture latch/FF)
Pad Delayed to ExpressCLK
(fast-capture latch/FF)
Pad to Clock (input latch/FF)
Pad Delayed to Clock (input latch/FF)
Clock Enable to Clock (CE to CLK)
Local Set/Reset (sync) to Clock (LSR to CLK)
INREGE_SET
INREGED_SET
INREG_SET
INREGD_SET
INCE_SET
INLSR_SET
5.93
12.86
1.62
8.57
2.03
1.79
—
—
—
—
—
—
4.82
11.03
1.42
7.36
1.64
1.45
—
—
—
—
—
—
3.63
9.18
0.71
5.91
1.29
1.14
—
—
—
—
—
—
3.23
9.68
0.50
7.06
1.00
0.89
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
Input FF/Latch Hold Timing:
Pad from ExpressCLK (fast-capture latch/FF)
Pad Delayed from ExpressCLK
(fast-capture latch/FF)
Pad from Clock (input latch/FF)
Pad Delayed from Clock (input latch/FF)
Clock Enable from Clock (CE from CLK)
Local Set/Reset (sync) from Clock
(LSR from CLK)
INREGE_HLD
INREGED_HLD
INREG_HLD
INREGD_HLD
INCE_HLD
INLSR_HLD
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
Clock-to-in Delay (FF CLK to IN1, IN2)
Clock-to-in Delay (latch CLK to IN1, IN2)
Local S/R (async) to IN (LSR to IN1, IN2)
Local S/R (async) to IN (LSR to IN1, IN2)
LatchFF in Latch Mode
Global S/R to In (GSRN to IN1, IN2)
INREG_DEL
INLTCH_DEL
INLSR_DEL
INLSRL_DEL
INGSR_DEL
—
—
—
—
—
4.05
4.08
6.11
5.89
5.38
—
—
—
—
—
3.14
3.19
4.76
4.66
4.22
—
—
—
—
—
2.53
2.62
3.81
3.57
3.44
—
—
—
—
—
2.05
2.14
3.17
2.98
2.88
ns
ns
ns
ns
ns
Note: The delays for all input buffers assume an input rise/fall time of <1 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com