Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 114 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 114 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 110Page - Agere Systems OR3C80 Datasheet HTML 111Page - Agere Systems OR3C80 Datasheet HTML 112Page - Agere Systems OR3C80 Datasheet HTML 113Page - Agere Systems OR3C80 Datasheet HTML 114Page - Agere Systems OR3C80 Datasheet HTML 115Page - Agere Systems OR3C80 Datasheet HTML 116Page - Agere Systems OR3C80 Datasheet HTML 117Page - Agere Systems OR3C80 Datasheet HTML 118Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 210 page
background image
114
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 48. Programmable I/O (PIO) Timing Characteristics (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
PIO Logic Block Delays
Out to Pad (OUT[2:1] via logic to pad):
Fast
Slewlim
Sinklim
OUTLF_DEL
OUTLSL_DEL
OUTLSI_DEL
—
—
—
5.09
7.86
9.41
—
—
—
4.21
6.49
7.98
—
—
—
2.63
3.49
8.08
—
—
—
2.17
2.91
7.32
ns
ns
ns
Outreg to Pad (OUTREG via logic to pad):
Fast
Slewlim
Sinklim
OUTRF_DEL
OUTRSL_DEL
OUTRSI_DEL
—
—
—
6.71
9.47
11.03
—
—
—
5.44
7.71
9.20
—
—
—
3.56
4.42
8.98
—
—
—
2.78
3.52
7.94
ns
ns
ns
Clock to Pad (ECLK, CLK via logic to pad):
Fast
Slewlim
Sinklim
OUTCF_DEL
OUTCSL_DEL
OUTCSI_DEL
—
—
—
6.97
9.74
11.29
—
—
—
5.68
7.96
9.45
—
—
—
3.71
4.57
9.13
—
—
—
2.91
3.64
8.07
ns
ns
ns
3-State FF Delays
3-state Enable/Disable Delay (TS direct to
pad):
Fast
Slewlim
Sinklim
TSF_DEL
TSSL_DEL
TSSI_DEL
—
—
—
4.93
7.70
9.25
—
—
—
4.09
6.37
7.86
—
—
—
2.33
3.00
7.95
—
—
—
1.88
2.41
7.23
ns
ns
ns
Local Set/Reset (async) to Pad (LSR to
pad):
Fast
Slewlim
Sinklim
TSLSRF_DEL
TSLSRSL_DEL
TSLSRSI_DEL
—
—
—
8.25
11.01
12.57
—
—
—
6.65
8.92
10.41
—
—
—
4.24
4.92
9.87
—
—
—
3.39
3.92
8.74
ns
ns
ns
Global Set/Reset to Pad (GSRN to pad):
Fast
Slewlim
Sinklim
TSGSRF_DEL
TSGSRSL_DEL
TSGSRSI_DEL
—
—
—
7.52
10.28
11.84
—
—
—
6.09
8.36
9.85
—
—
—
3.88
4.55
9.51
—
—
—
3.11
3.64
8.45
ns
ns
ns
3-State FF Setup Timing:
TS to ExpressCLK (TS to ECLK)
TS to Clock (TS to CLK)
Local Set/Reset (sync) to Clock (LSR to
CLK)
TSE_SET
TS_SET
TSLSR_SET
0.00
0.00
0.28
—
—
—
0.00
0.00
0.21
—
—
—
0.00
0.00
0.17
—
—
—
0.00
0.00
0.18
—
—
—
ns
ns
ns
3-State FF Hold Timing:
TS from ExpressCLK (TS from ECLK)
TS from Clock (TS from CLK)
Local Set/Reset (sync) from Clock
(LSR from CLK)
TSE_HLD
TS_HLD
TSLSR_HLD
0.85
0.85
0.00
—
—
—
0.68
0.68
0.00
—
—
—
0.44
0.44
0.00
—
—
—
0.34
0.34
0.00
—
—
—
ns
ns
ns
Clock to Pad Delay (ECLK, SCLK to pad):
Fast
Slewlim
Sinklim
TSREGF_DEL
TSREGSL_DEL
TSREGSI_DEL
—
—
—
5.94
8.70
10.26
—
—
—
4.82
7.10
8.59
—
—
—
2.84
3.52
8.47
—
—
—
2.23
2.76
7.58
ns
ns
ns
Note: The delays for all input buffers assume an input rise/fall time of <1 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com