Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 121 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 121 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 117Page - Agere Systems OR3C80 Datasheet HTML 118Page - Agere Systems OR3C80 Datasheet HTML 119Page - Agere Systems OR3C80 Datasheet HTML 120Page - Agere Systems OR3C80 Datasheet HTML 121Page - Agere Systems OR3C80 Datasheet HTML 122Page - Agere Systems OR3C80 Datasheet HTML 123Page - Agere Systems OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 210 page
background image
Lucent Technologies Inc.
121
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 50. Programmable Clock Manager (PCM) Timing Characteristics (Preliminary Information)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
≤TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* Input frequency tolerance is the allowed input clock frequency change in parts per million.
† See Table 29 and Table 30 for acquisition times for individual frequencies.
‡ PLL mode, divider reg = 1111111 (input freq. = output freq.).
Note: All timing values for the PCM are preliminary information.
Parameter
Symbol
Speed
Unit
-4
-5
-6
-7
MinMax
MinMax
MinMax
MinMax
Input Clock Frequency:
FPCMI
OR3Cxx
51335133
—
—
—
—
MHz
OR3Txxx
—
—
5
133
5
133
5
133
MHz
Output Clock Frequency:
FPCMO
OR3Cxx
51355135
—
—
—
—
MHz
OR3Txxx
—
—
5
100
5
100
5
100
MHz
Input Clock Duty Cycle
PCMI_DUTY
30.00
70.00
30.00
70.00
30.00
70.00
30.00
70.00
%
Output Clock Duty Cycle
PCMO_DUTY
3.13
96.90
3.13
96.90
3.13
96.90
3.13
96.90
%
Input Frequency Tolerance*
FTOL
—
26400
—
26400
—
26400
—
26400 ppm
PCM Acquisition Time (CLK In to
LOCK)
PCM_ACQ†
36
100
36
100
36
100
36
100
µs
PCM Off Delay (config. Done-L, WE to
PCM power off)
PCMOFF_DEL
—
100.0
—
100.0
—
100.0
—
100.0
ns
PCM Delay in DLL Mode (propagation
delay)
PCMDLL-DEL
—
1.95
—
1.82
—
1.63
—
1.50
ns
PCM Delay in PLL Mode (propagation
delay)
PCMPLL_DEL
—
0.00
—
0.00
—
0.00
—
0.00
ns
PCM Clock In to PCM Clock Out
(CLK In to ECLK)‡
PCMBYE_DEL
—
0.47
—
0.36
—
0.26
—
0.24
ns
PCM Clock In to PCM Clock Out
(CLK In to SCLK)‡
PCMBYS_DEL
—
0.47
—
0.36
—
0.26
—
0.24
ns
Routed Clock-in Delay (routing to PCM
phase detect, using DIV0)
RTCKD_DEL
—
1.30
—
1.10
—
0.90
—
TBD
ns
System Clock-out Delay (PCM oscilla-
tor to SCLK output at PCM)
PCMSCK_DEL
—
2.70
—
2.20
—
1.90
—
TBD
ns
Parameter
Symbol
fOUT (MHz)
PLL Mode
DLL Mode
Unit
Output Jitter
OUTJIT
5—20
250
200
ps
21—30
210
170
ps
31—40
180
145
ps
41—50
155
123
ps
51—60
130
105
ps
61—70
110
90
ps
71—80
95
75
ps
81—90
80
65
ps
91—100
70
55
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com