Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 123 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 123 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 119Page - Agere Systems OR3C80 Datasheet HTML 120Page - Agere Systems OR3C80 Datasheet HTML 121Page - Agere Systems OR3C80 Datasheet HTML 122Page - Agere Systems OR3C80 Datasheet HTML 123Page - Agere Systems OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems OR3C80 Datasheet HTML 126Page - Agere Systems OR3C80 Datasheet HTML 127Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 210 page
background image
Lucent Technologies Inc.
123
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Clock Timing
Table 52. ExpressCLK (ECLK) and Fast Clock (FCLK) Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Notes:
The ECLK delays are to all of the PICs on one side of the device for middle pin input, or two sides of the device for corner pin input. The delay
includes both the input buffer delay and the clock routing to the PIC clock input.
The FCLK delays are for a fully routed clock tree that uses the ExpressCLK input into the fast clock network. It includes both the input buffer
delay and the clock routing to the PFU CLK input. The delay will be reduced if any of the clock branches are not used.
Device
(TJ = 85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Clock Control Timing Delay Through
CLKCNTRL (input from corner)
ECLKC_DEL
0.31
—
0.31
—
0.31
—
0.31
—
ns
Delay Through CLKCNTRL (input from inter-
nal clock controller PAD)
ECLKM_DEL
1.54
—
1.17
—
1.00
—
0.92
—
ns
Clock Shutoff Timing:
Setup from Middle ECLK (shut off to CLK)
Hold from Middle ECLK (shut off from CLK)
Setup from Corner ECLK (shut off to CLK)
Hold from Corner ECLK (shut off from CLK)
OFFM_SET
OFFM_HLD
OFFC_SET
OFFC_HLD
0.77
0.00
0.77
0.00
—
—
—
—
0.51
0.00
0.51
0.00
—
—
—
—
0.44
0.00
0.44
0.00
—
—
—
—
0.41
0.00
0.41
0.00
—
—
—
—
ns
ns
ns
ns
ECLK Delay (middle pad):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
ECLKM_DEL
—
—
—
—
—
—
—
3.50
3.67
—
—
—
—
—
—
2.56
2.62
2.74
2.86
3.06
—
—
—
—
—
2.05
2.08
2.13
2.19
2.29
—
—
—
—
—
1.78
1.80
1.85
1.90
1.98
ns
ns
ns
ns
ns
ECLK Delay (corner pad):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
ECLKC_DEL
—
—
—
—
—
—
—
5.47
5.64
—
—
—
—
—
—
4.48
4.53
4.64
4.77
4.96
—
—
—
—
—
3.85
3.97
4.22
4.47
4.85
—
—
—
—
—
3.36
3.47
3.69
3.92
4.27
ns
ns
ns
ns
ns
FCLK Delay (middle pad):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
FCLKM_DEL
—
—
—
—
—
—
—
8.24
8.87
—
—
—
—
—
—
5.91
6.12
6.59
7.11
7.98
—
—
—
—
—
4.59
4.66
4.83
5.01
5.33
—
—
—
—
—
3.81
3.89
4.06
4.26
4.59
ns
ns
ns
ns
ns
FCLK Delay (corner pad):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
FCLKC_DEL
—
—
—
—
—
—
—
10.34
11.01
—
—
—
—
—
—
7.88
8.11
8.60
9.15
10.07
—
—
—
—
—
6.41
6.58
6.95
7.34
7.96
—
—
—
—
—
5.40
5.58
5.94
6.33
6.94
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com