Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 124 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 124 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 120Page - Agere Systems OR3C80 Datasheet HTML 121Page - Agere Systems OR3C80 Datasheet HTML 122Page - Agere Systems OR3C80 Datasheet HTML 123Page - Agere Systems OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems OR3C80 Datasheet HTML 126Page - Agere Systems OR3C80 Datasheet HTML 127Page - Agere Systems OR3C80 Datasheet HTML 128Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 210 page
background image
124
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 53. General-Purpose Clock Timing Characteristics (Internally Generated Clock)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Notes:
This table represents the delay for an internally generated clock from the clock tree input in one of the four middle PICs (using pSW routing) on
any side of the device which is then distributed to the PFU/PIO clock inputs. If the clock tree input used is located at any other PIC, see the
results reported by ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the general clock network. The delay will be reduced if any of the clock branches are not
used. See pin-to-pin timing in Table 56 for clock delays of clocks input on general I/O pins.
Device
(TJ = 85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
MinMax
MinMax
MinMax
MinMax
OR3T20
CLK_DEL
—
—
—
4.22
—
3.46
—
2.84
ns
OR3T30
CLK_DEL
—
—
—
4.29
—
3.48
—
2.87
ns
OR3C/T55
CLK_DEL
—
5.34
—
4.41
—
3.53
—
2.93
ns
OR3C/T80
CLK_DEL
—
5.49
—
4.52
—
3.57
—
2.98
ns
OR3T125
CLK_DEL
—
—
—
4.80
—
3.71
—
3.13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com