Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 127 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 127 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 123Page - Agere Systems OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems OR3C80 Datasheet HTML 126Page - Agere Systems OR3C80 Datasheet HTML 127Page - Agere Systems OR3C80 Datasheet HTML 128Page - Agere Systems OR3C80 Datasheet HTML 129Page - Agere Systems OR3C80 Datasheet HTML 130Page - Agere Systems OR3C80 Datasheet HTML 131Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 210 page
background image
Lucent Technologies Inc.
127
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 56. OR3Cxx General System Clock (SCLK) to Output Delay (Pin-to-Pin)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C; CL = 50 pF.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C;
CL = 50 pF.
Note:
This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the input buffer delay, the clock routing to the
PIO CLK input, the clock
→Q of the FF, and the delay through the output buffer. The delay will be reduced if any of the clock branches are not
used. The given timing requires that the input clock pin be located at one of the four center PICs on any side of the device and that a PIO FF be
used. For clock pins located at any other PIO, see the results reported by ORCA Foundry.
5-4846(F)
Figure 78. System Clock to Output Delay
Description
(TJ = 85 °C, VDD = min)
Device
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Output On Same Side of Device As Input Clock (System Clock Delays Using General User I/O Inputs)
Clock Input Pin (mid-PIC)
→OUTPUT Pin (Fast)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
14.91
15.71
—
—
—
—
—
—
11.35
11.63
12.17
12.80
13.69
—
—
—
—
—
7.74
7.93
8.28
8.66
9.24
—
—
—
—
—
6.10
6.27
6.59
6.95
7.49
ns
ns
ns
ns
ns
Clock Input Pin (mid-PIC)
→OUTPUT Pin
(Slewlim)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
17.34
18.14
—
—
—
—
—
—
13.34
13.62
14.16
14.79
15.68
—
—
—
—
—
8.42
8.60
8.95
9.34
9.91
—
—
—
—
—
6.63
6.80
7.12
7.48
8.02
ns
ns
ns
ns
ns
Clock Input Pin (mid-PIC)
→OUTPUT Pin
(Sinklim)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
18.70
19.51
—
—
—
—
—
—
14.69
14.97
15.51
16.14
17.03
—
—
—
—
—
13.26
13.45
13.80
14.18
14.76
—
—
—
—
—
11.37
11.54
11.86
12.22
12.76
ns
ns
ns
ns
ns
Additional Delay if Non-mid-PIC Used as Clock
Pin
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
0.41
0.63
—
—
—
—
—
—
0.16
0.20
0.36
0.55
1.11
—
—
—
—
—
0.18
0.21
0.37
0.57
1.05
—
—
—
—
—
0.17
0.20
0.35
0.55
1.02
ns
ns
ns
ns
ns
Output Not on Same Side of Device As Input Clock (System Clock Delays Using General User I/O Inputs)
Additional Delay if Output Not on Same Side as
Input Clock Pin
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
0.41
0.63
—
—
—
—
—
—
0.16
0.20
0.36
0.55
1.11
—
—
—
—
—
0.18
0.21
0.37
0.57
1.05
—
—
—
—
—
0.17
0.20
0.35
0.55
1.02
ns
ns
ns
ns
ns
OUTPUT (50 pF LOAD)
Q
D
SCLK
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com