Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 128 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 128 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems OR3C80 Datasheet HTML 126Page - Agere Systems OR3C80 Datasheet HTML 127Page - Agere Systems OR3C80 Datasheet HTML 128Page - Agere Systems OR3C80 Datasheet HTML 129Page - Agere Systems OR3C80 Datasheet HTML 130Page - Agere Systems OR3C80 Datasheet HTML 131Page - Agere Systems OR3C80 Datasheet HTML 132Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 210 page
background image
128
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 57. OR3C/Txxx Input to ExpressCLK (ECLK) Fast-Capture Setup/Hold Time (Pin-to-Pin)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Note:
The pin-to-pin timing parameters in this table should be used instead of results reported by ORCA Foundry.
The ECLK delays are to all of the PIOs on one side of the device for middle pin input, or two sides of the device for corner pin input. The delay
includes both the input buffer delay and the clock routing to the PIO clock input.
Description
(TJ = 85 °C, VDD = min)
Device
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Input to ECLK Setup Time (middle
ECLK pin)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
1.36
1.25
—
—
—
—
—
—
1.34
1.30
1.22
1.14
1.03
—
—
—
—
—
0.88
0.86
0.83
0.80
0.76
—
—
—
—
—
0.83
0.82
0.80
0.77
0.74
—
—
—
—
—
ns
ns
ns
ns
ns
Input to ECLK Setup Time (middle
ECLK pin, delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
6.91
6.79
—
—
—
—
—
—
6.30
6.27
6.19
6.11
6.00
—
—
—
—
—
5.32
5.30
5.27
5.24
5.20
—
—
—
—
—
5.98
5.97
5.95
5.93
5.90
—
—
—
—
—
ns
ns
ns
ns
ns
Input to ECLK Setup Time (corner
ECLK pin)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Input to ECLK Setup Time (corner
ECLK pin, delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
4.94
4.82
—
—
—
—
—
—
4.39
4.35
4.28
4.21
4.10
—
—
—
—
—
3.51
3.40
3.18
2.98
2.63
—
—
—
—
—
4.41
4.31
4.11
3.91
3.61
—
—
—
—
—
ns
ns
ns
ns
ns
Input to ECLK Hold Time (middle
ECLK pin)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Input to ECLK Hold Time (middle
ECLK pin, delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com