Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 132 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 132 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 128Page - Agere Systems OR3C80 Datasheet HTML 129Page - Agere Systems OR3C80 Datasheet HTML 130Page - Agere Systems OR3C80 Datasheet HTML 131Page - Agere Systems OR3C80 Datasheet HTML 132Page - Agere Systems OR3C80 Datasheet HTML 133Page - Agere Systems OR3C80 Datasheet HTML 134Page - Agere Systems OR3C80 Datasheet HTML 135Page - Agere Systems OR3C80 Datasheet HTML 136Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 210 page
background image
132
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 59. OR3C/Txxx Input to General System Clock (SCLK) Setup/Hold Time (Pin-to-Pin)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the clock network. It includes both the input buffer delay and the clock routing to the PIO
FF CLK input. The delay will be reduced if any of the clock branches are not used. The given setup (delayed and no delay) and hold (delayed)
timing allows the input clock pin to be located in any PIO on any side of the device, but a PIO FF must be used. The hold (no delay) timing
assumes the clock pin is located at one of the four middle PICs on any side of the device and that a PIO FF is used. If the clock pin is located
elsewhere, then the last parameter in the table must be added to the hold (no delay) timing.
5-4847(F)
Figure 81. Input to System Clock Setup/Hold Time
Description
(TJ = 85 °C, VDD = min)
Device
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Input to SCLK Setup Time
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Input to SCLK Setup Time
(delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.99
0.79
—
—
—
—
—
—
1.33
1.22
1.09
0.93
0.78
—
—
—
—
—
1.47
1.40
1.33
1.26
1.19
—
—
—
—
—
3.09
3.03
2.97
2.91
2.86
—
—
—
—
—
ns
ns
ns
ns
ns
Input to SCLK Hold Time
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
6.82
7.62
—
—
—
—
—
—
4.74
5.01
5.56
6.19
7.07
—
—
—
—
—
3.64
3.83
4.18
4.56
5.14
—
—
—
—
—
3.04
3.22
3.54
3.89
4.44
—
—
—
—
—
ns
ns
ns
ns
ns
Input to SCLK Hold Time
(delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Additional Hold Time if Non-
mid-PIC Used as SCLK Pin
(no delay on data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.41
0.63
—
—
—
—
—
—
0.16
0.20
0.36
0.55
1.11
—
—
—
—
—
0.18
0.21
0.37
0.57
1.05
—
—
—
—
—
0.17
0.20
0.35
0.55
1.02
—
—
—
—
—
ns
ns
ns
ns
ns
Q
D
SCLK
INPUT
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com