Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 133 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 133 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 129Page - Agere Systems OR3C80 Datasheet HTML 130Page - Agere Systems OR3C80 Datasheet HTML 131Page - Agere Systems OR3C80 Datasheet HTML 132Page - Agere Systems OR3C80 Datasheet HTML 133Page - Agere Systems OR3C80 Datasheet HTML 134Page - Agere Systems OR3C80 Datasheet HTML 135Page - Agere Systems OR3C80 Datasheet HTML 136Page - Agere Systems OR3C80 Datasheet HTML 137Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 210 page
background image
Lucent Technologies Inc.
133
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Configuration Timing
Table 60. General Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* Not applicable to asynchronous peripheral mode.
Parameter
Symbol
Min
Max
Unit
All Configuration Modes
M[3:0] Setup Time to INIT HighTSMODE
0.00
—
ns
M[3:0] Hold Time from INIT High
THMODE
600.00
—
ns
RESET Pulse Width Low to Start Reconfiguration
TRW
50.00
—
ns
PRGM Pulse Width Low to Start Reconfiguration
TPGW
50.00
—
ns
Master and Asynchronous Peripheral Modes
Power-on Reset Delay
CCLK Period (M3 = 0)
(M3 = 1)
Configuration Latency (autoincrement mode):
OR3T20
(M3 = 0)
(M3 = 1)
OR3T30
(M3 = 0)
(M3 = 1)
OR3C/T55
(M3 = 0)
(M3 = 1)
OR3C/T80
(M3 = 0)
(M3 = 1)
OR3T125
(M3 = 0)
(M3 = 1)
TPO
TCCLK
TCL
15.70
60.00
480.00
11.50
92.10
15.10
121.00
23.20
185.00
33.70
270.00
52.30
418.00
52.40
200.00
1600.00
38.40*
307.00*
50.40*
403.30*
77.40*
619.00*
113.00*
900.00*
175.00*
1395.00*
ms
ns
ns
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
Microprocessor (MPI) Mode
Power-on Reset Delay
Configuration Latency (autoincrement mode):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
TPO
TCL
15.70
27413
35445
53341
76317
116581
52.40
—
—
—
—
—
ms
write cycles
write cycles
write cycles
write cycles
write cycles
Partial Reconfiguration (explicit mode):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
TPR
32
36
43
51
62
—
—
—
—
—
write cycles
write cycles
write cycles
write cycles
write cycles
Slave Serial Mode
Power-on Reset Delay
CCLK Period
OR3Cxx
OR3Txxx
Configuration Latency (autoincrement mode):
OR3T20
OR3T30
OR3C55
OR3T55
OR3C80
OR3T80
OR3T125
TPO
TCCLK
TCL
3.90
40
15
2.80
3.80
15.50
5.80
22.50
8.40
13.09
13.10
—
—
—
—
—
—
—
—
—
ms
ns
ns
ms
ms
ms
ms
ms
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com