Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 122 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 122 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 118Page - Agere Systems OR3C80 Datasheet HTML 119Page - Agere Systems OR3C80 Datasheet HTML 120Page - Agere Systems OR3C80 Datasheet HTML 121Page - Agere Systems OR3C80 Datasheet HTML 122Page - Agere Systems OR3C80 Datasheet HTML 123Page - Agere Systems OR3C80 Datasheet HTML 124Page - Agere Systems OR3C80 Datasheet HTML 125Page - Agere Systems OR3C80 Datasheet HTML 126Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 210 page
background image
122
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 51. Boundary-Scan Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
5-6764(F)
Figure 75. Boundary-Scan Timing Diagram
Parameter
Symbol
Min
Max
Unit
TDI/TMS to TCK Setup Time
TS
25.0
—
ns
TDI/TMS Hold Time from TCK
TH
0.0
—
ns
TCK Low Time
TCL
50.0
—
ns
TCK High Time
TCH
50.0
—
ns
TCK to TDO Delay
TD
—
20.0
ns
TCK Frequency
TTCK
—
10.0
MHz
TCK
TMS
TDI
TDO
TS
TH
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com