Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 144 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 144 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 140Page - Agere Systems OR3C80 Datasheet HTML 141Page - Agere Systems OR3C80 Datasheet HTML 142Page - Agere Systems OR3C80 Datasheet HTML 143Page - Agere Systems OR3C80 Datasheet HTML 144Page - Agere Systems OR3C80 Datasheet HTML 145Page - Agere Systems OR3C80 Datasheet HTML 146Page - Agere Systems OR3C80 Datasheet HTML 147Page - Agere Systems OR3C80 Datasheet HTML 148Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 210 page
background image
144
144
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Output Buffer Characteristics
OR3Cxx
5-4634(F)
Figure 92. Sinklim (TJ = 25 °C, VDD = 5.0 V)
5-4636(F)
Figure 93. Slewlim (TJ = 25 °C, VDD = 5.0 V)
5-4638(F)
Figure 94. Fast (TJ = 25 °C, VDD = 5.0 V)
5-4635(C)
Figure 95. Sinklim (TJ = 125 °C, VDD = 4.5 V)
5-4637(F)
Figure 96. Slewlim (TJ = 125 °C, VDD = 4.5 V)
5-4639(F)
Figure 97. Fast (TJ = 125 °C, VDD = 4.5 V)
70
60
50
40
30
20
10
0
0
12345
OUTPUT VOLTAGE, VO (V)
IOL
IOH
250
225
150
100
50
0
01
2
3
4
OUTPUT VOLTAGE, VO (V)
IOL
IOH
5
200
175
125
75
25
250
225
150
100
50
0
01
2
3
4
OUTPUT VOLTAGE, VO (V)
IOL
IOH
5
200
175
125
75
25
50
40
30
20
10
0
01
2
3
4
OUTPUT VOLTAGE, VO (V)
IOL
IOH
5
150
125
100
75
50
0
01
2
3
4
OUTPUT VOLTAGE, VO (V)
IOL
IOH
25
175
125
100
75
50
0
01
2
3
4
OUTPUT VOLTAGE, VO (V)
IOL
IOH
25
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com