Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 140 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 140 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 136Page - Agere Systems OR3C80 Datasheet HTML 137Page - Agere Systems OR3C80 Datasheet HTML 138Page - Agere Systems OR3C80 Datasheet HTML 139Page - Agere Systems OR3C80 Datasheet HTML 140Page - Agere Systems OR3C80 Datasheet HTML 141Page - Agere Systems OR3C80 Datasheet HTML 142Page - Agere Systems OR3C80 Datasheet HTML 143Page - Agere Systems OR3C80 Datasheet HTML 144Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 210 page
background image
140
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 65. Slave Parallel Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Note: Daisy-chaining of FPGAs is not supported in this mode.
5-2848(F)
Figure 87. Slave Parallel Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
CS0
, CS1, WR Setup Time
TS1
40.00
—
ns
CS0
, CS1, WR Hold Time
TH1
20.00
—
ns
D[7:0] Setup Time:
3Cxx
3Txxx
TS2
20.00
7.00
—
—
ns
ns
D[7:0] Hold Time
TH2
0.00
—
ns
CCLK High Time:
3Cxx
3Txxx
TCH
20.00
7.00
—
—
ns
ns
CCLK Low Time:
3Cxx
3Txxx
TCL
20.00
7.00
—
—
ns
ns
CCLK Frequency:
3Cxx
3Txxx
FC
—
—
25.00
66.00
MHz
MHz
TS1
TS2
TH2
CS1
CCLK
D[7:0]
CS0
WR
TCL
TCH
TH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com