Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 139 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 139 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 135Page - Agere Systems OR3C80 Datasheet HTML 136Page - Agere Systems OR3C80 Datasheet HTML 137Page - Agere Systems OR3C80 Datasheet HTML 138Page - Agere Systems OR3C80 Datasheet HTML 139Page - Agere Systems OR3C80 Datasheet HTML 140Page - Agere Systems OR3C80 Datasheet HTML 141Page - Agere Systems OR3C80 Datasheet HTML 142Page - Agere Systems OR3C80 Datasheet HTML 143Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 210 page
background image
Lucent Technologies Inc.
139
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 64. Slave Serial Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Note: Serial configuration data is transmitted out on DOUT on the falling edge of CCLK after it is input on DIN.
5-4535(F).
Figure 86. Slave Serial Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
DIN Setup Time:
3Cxx
3Txxx
TS
20.00
10.50
—
—
ns
ns
DIN Hold Time
TH
0.00
—
ns
CCLK High Time:
3Cxx
3Txxx
TCH
20.00
7.00
—
—
ns
ns
CCLK Low Time:
3Cxx
3Txxx
TCL
20.00
7.00
—
—
ns
ns
CCLK Frequency:
3Cxx
3Txxx
FC
—
—
25.00
66.00
MHz
MHz
CCLK to DOUT
TD
—
20.00
ns
DIN
CCLK
DOUT
TD
TS
TH
TCL
TCH
BIT N
BIT N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com