Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 138 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 138 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 134Page - Agere Systems OR3C80 Datasheet HTML 135Page - Agere Systems OR3C80 Datasheet HTML 136Page - Agere Systems OR3C80 Datasheet HTML 137Page - Agere Systems OR3C80 Datasheet HTML 138Page - Agere Systems OR3C80 Datasheet HTML 139Page - Agere Systems OR3C80 Datasheet HTML 140Page - Agere Systems OR3C80 Datasheet HTML 141Page - Agere Systems OR3C80 Datasheet HTML 142Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 210 page
background image
138
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 63. Asynchronous Peripheral Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* This parameter is valid whether the end of not RDY is determined from the RDY pin or from the D7 pin.
Notes:
Serial data is transmitted out on DOUT on the falling edge of CCLK after the byte is input on D[7:0].
D[6:0] timing is the same as the write data portion of the D7 waveform because D[6:0] are not enabled by RD.
5-4533(F)
Figure 85. Asynchronous Peripheral Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
WR, CS0, and CS1 Pulse Width
TWR
50.00
—
ns
D[7:0] Setup Time:
3Cxx
3Txxx
TS
20.00
10.50
—
—
ns
ns
D[7:0] Hold Time
TH
0.00
—
ns
RDY Delay
TRDY
—
40.00
ns
RDY Low
TB
1.00
8.00
CCLK Periods
Earliest WR After RDY Goes High*
TWR2
0.00
—
ns
RD to D7 Enable/Disable
TDEN
—
40.00
ns
CCLK to DOUT
TD
—5.00
ns
CS1
D7
CCLK
DOUT
CS0
RDY
D0
D1
D2
TB
TWR
TS
TH
TRDY
WR
D7
TD
PREVIOUS BYTE
TWR2
WRITE DATA
D3
TDEN
TDEN
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com