Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 147 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 147 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 143Page - Agere Systems OR3C80 Datasheet HTML 144Page - Agere Systems OR3C80 Datasheet HTML 145Page - Agere Systems OR3C80 Datasheet HTML 146Page - Agere Systems OR3C80 Datasheet HTML 147Page - Agere Systems OR3C80 Datasheet HTML 148Page - Agere Systems OR3C80 Datasheet HTML 149Page - Agere Systems OR3C80 Datasheet HTML 150Page - Agere Systems OR3C80 Datasheet HTML 151Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 210 page
background image
Lucent Technologies Inc.
147
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Estimating Power Dissipation (continued)
OR3Txxx (Preliminary Information)
The total operating power dissipated is estimated by
summing the standby (IDDSB), internal, and external
power dissipated. The internal and external power is
the power consumed in the PLCs and PICs, respec-
tively. In general, the standby power is small and may
be neglected. The total operating power is as follows:
PT =
Σ PPLC + Σ PPIC
The internal operating power is made up of two parts:
clock generation and PFU output power. The PFU out-
put power can be estimated based upon the number of
PFU outputs switching when driving an average fan-out
of two:
PPFU = 0.068 mW/MHz
For each PFU output that switches, 0.068 mW/MHz
needs to be multiplied times the frequency (in MHz)
that the output switches. Generally, this can be esti-
mated by using one-half the clock rate, multiplied by
some activity factor; for example, 20%.
The power dissipated by the clock generation circuitry
is based upon four parts: the fixed clock power, the
power/clock branch row or column, the clock power dis-
sipated in each PFU that uses this particular clock, and
the power from the subset of those PFUs configured as
synchronous memory. Therefore, the clock power can
be calculated for the four parts using the following
equations.
OR3T20 Clock Power
P= [0.38 mW/MHz
+ (0.045 mW/MHz/Branch) (# Branches)
+ (0.015 mW/MHz/PFU) (# PFUs)
+ (0.004 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit)
OR3T20 clock power
≈ 2.92 mW/MHz.
OR3T30 Clock Power
P= [0.53 mW/MHz
+ (0.061 mW/MHz/Branch) (# Branches)
+ (0.015 mW/MHz/PFU) (# PFUs)
+ (0.004 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit)
OR3T30 clock power
≈ 3.98 mW/MHz.
OR3T55 Clock Power
P= [0.88 mW/MHz
+ (0.102 mW/MHz/Branch) (# Branches)
+ (0.015 mW/MHz/PFU) (# PFUs)
+ (0.004 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit)
OR3T55 clock power
≈ 6.58 mW/MHz.
OR3T80 Clock Power
P= [0.107 mW/MHz
+ (0.124 mW/MHz/Branch) (# Branches)
+ (0.015 mW/MHz/PFU) (# PFUs)
+ (0.004 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit)
OR3T80 clock power
≈ 9.47 mW/MHz.
OR3T125 Clock Power
P= [0.167 mW/MHz
+ (0.193 mW/MHz/Branch) (# Branches)
+ (0.015 mW/MHz/PFU) (# PFUs)
+ (0.004 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit)
OR3T125 clock power
≈ 15.44 mW/MHz.
The power dissipated in a PIC is the sum of the power
dissipated in the four PIOs in the PIC. This consists of
power dissipated by inputs and ac power dissipated by
outputs. The power dissipated in each PIO depends on
whether it is configured as an input, output, or input/
output. If a PIO is operating as an output, then there is
a power dissipation component for PIN, as well as
POUT. This is because the output feeds back to the
input.
The power dissipated by an input buffer (VIH = VDD –
0.3 V or higher) is estimated as:
PIN = 0.09 mW/MHz
The ac power dissipation from an output or bidirec-
tional is estimated by the following:
POUT = (CL + 8.8 pF) x VDD2 x F Watts
where the unit for CL is farads, and the unit for F is Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com