Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 149 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 149 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 145Page - Agere Systems OR3C80 Datasheet HTML 146Page - Agere Systems OR3C80 Datasheet HTML 147Page - Agere Systems OR3C80 Datasheet HTML 148Page - Agere Systems OR3C80 Datasheet HTML 149Page - Agere Systems OR3C80 Datasheet HTML 150Page - Agere Systems OR3C80 Datasheet HTML 151Page - Agere Systems OR3C80 Datasheet HTML 152Page - Agere Systems OR3C80 Datasheet HTML 153Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 210 page
background image
Lucent Technologies Inc.
149
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Pin Information
Pin Descriptions
This section describes the pins found on the Series 3 FPGAs. Any pin not described in this table is a user-program-
mable I/O. During configuration, the user-programmable I/Os are 3-stated with an internal pull-up resistor enabled.
If any pin is not used (or not bonded to a package pin), it is also 3-stated with an internal pull-up resistor enabled
after configuration.
Table 67. Pin Descriptions
Symbol
I/O
Description
Dedicated Pins
VDD
—
Positive power supply.
GND
—
Ground supply.
VDD5
—
5 V tolerant select. VDD5 pin locations are shown for package compatibility with
OR2TxxA devices. Connections to 5 V power sources are not used for 5 V tolerant
I/Os in the OR3Txxx devices.
RESET
IDuring configuration, RESET forces the restart of configuration and a pull-up is
enabled. After configuration, RESET can be used as a general FPGA input or as a
direct input, which causes all PLC latches/FFs to be asynchronously set/reset.
CCLK
I
In the master and asynchronous peripheral modes, CCLK is an output which
strobes configuration data in. In the slave or synchronous peripheral mode, CCLK
is input synchronous with the data on DIN or D[7:0]. In microprocessor mode, CCLK
is used internally and output for daisy-chain operation.
DONE
I
O
As an input, a low level on DONE delays FPGA start-up after configuration (see
Note).
As an active-high, open-drain output, a high level on this signal indicates that config-
uration is complete. DONE has an optional pull-up resistor.
PRGM
I
PRGM
is an active-low input that forces the restart of configuration and resets the
boundary-scan circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high.
This pin always has an active pull-up.
During configuration, RD_CFG is an active-low input that activates the TS_ALL func-
tion and 3-states all of the I/O.
After configuration, RD_CFG can be selected (via a bit stream option) to activate the
TS_ALL function as described above, or, if readback is enabled via a bit stream
option, a high-to-low transition on RD_CFG will initiate readback of the configuration
data, including PFU output states, starting with frame address 0.
RD_DATA/TDO
O
RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides con-
figuration data out. If used in boundary scan, TDO is test data out.
Special-Purpose Pins
M0, M1, M2
I
I/O
During powerup and initialization, M0—M2 are used to select the configuration
mode with their values latched on the rising edge of INIT; see Table 34 for the config-
uration modes. During configuration, a pull-up is enabled.
After configuration, these pins are user-programmable I/O (see Note).
Note: The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE
release is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the
activation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com