Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 152 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 152 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 148Page - Agere Systems OR3C80 Datasheet HTML 149Page - Agere Systems OR3C80 Datasheet HTML 150Page - Agere Systems OR3C80 Datasheet HTML 151Page - Agere Systems OR3C80 Datasheet HTML 152Page - Agere Systems OR3C80 Datasheet HTML 153Page - Agere Systems OR3C80 Datasheet HTML 154Page - Agere Systems OR3C80 Datasheet HTML 155Page - Agere Systems OR3C80 Datasheet HTML 156Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 210 page
background image
152
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special-Purpose Pins (continued)
A11/MPI_IRQ
O
I/O
MPI
active-low interrupt request output.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A10/MPI_BI
O
I/O
PowerPC mode MPI burst inhibit output.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A9/MPI_ACK
O
I/O
In PowerPC mode MPI operation, this is the active-high transfer acknowledge (TA) output. For
i960 MPI operation, it is the active-low ready/record (RDYRCV) output.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A8/MPI_RW
I
I/O
In PowerPC mode MPI operation, this is the active-low write/active-high read control signals.
For i960 operation, it is the active-high write/active-low read control signal.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A7/MPI_CLK
I
I/O
This is the clock used for the synchronous MPI interface. For PowerPC, it is the CLKOUT
signal. For i960, it is the system clock that is chosen for the i960 external bus interface.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A[4:0]
I
I/O
For PowerPC operation, these are the PowerPC address inputs. The address bit mapping (in
PowerPC/FPGA notation) is A[31]/A[0], A[30]/A[1], A[29]/A[2], A[28]/A[3], A[27]/A[4]. Note
that A[27]/A[4] is the MSB of the address. The A[4:2] inputs are not used in i960 MPI mode.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
A[1:0]/
MPI_BE[1:0]
I
I/O
For i960 operation, MPI_BE[1:0] provide the i960 byte enable signals, BE[1:0], that are used as
address bits A[1:0] in i960 byte-wide operation.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
D[7:0]
I
I/O
During master parallel, peripheral, and slave parallel configuration modes, D[7:0] receive
configuration data, and each pin has a pull-up enabled. During serial configuration modes, D0
is the DIN input. D[7:0] are also the data pins for PowerPC microprocessor mode and the
address/data pins for i960 microprocessor mode.
After configuration, the pins are user-programmable I/O pins (see Note).
DIN
I
I/O
During slave serial or master serial configuration modes, DIN accepts serial configuration
data synchronous with CCLK. During parallel configuration modes, DIN is the D0 input. Dur-
ing configuration, a pull-up is enabled.
After configuration, this pin is a user-programmable I/O pin (see Note).
DOUT
O
I/O
During configuration, DOUT is the serial data output that can drive the DIN of daisy-chained
slave LCA devices. Data out on DOUT changes on the falling edge of CCLK.
After configuration, DOUT is a user-programmable I/O pin (see Note).
Pin Information (continued)
Table 67. Pin Descriptions (continued)
Symbol
I/O
Description
Note: The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE
release is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the
activation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com