Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 151 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 151 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 147Page - Agere Systems OR3C80 Datasheet HTML 148Page - Agere Systems OR3C80 Datasheet HTML 149Page - Agere Systems OR3C80 Datasheet HTML 150Page - Agere Systems OR3C80 Datasheet HTML 151Page - Agere Systems OR3C80 Datasheet HTML 152Page - Agere Systems OR3C80 Datasheet HTML 153Page - Agere Systems OR3C80 Datasheet HTML 154Page - Agere Systems OR3C80 Datasheet HTML 155Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 210 page
background image
Lucent Technologies Inc.
151
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special-Purpose Pins (continued)
CS0
, CS1
I
I/O
CS0
and CS1 are used in the asynchronous peripheral, slave parallel, and microprocessor
configuration modes. The FPGA is selected when CS0 is low and CS1 is high. During config-
uration, a pull-up is enabled.
After configuration, these pins are user-programmable I/O pins (see Note).
RD
/
MPI_STRB
I
I
I/O
RD
is used in the asynchronous peripheral configuration mode. A low on RD changes D7 into
a status output. As a status indication, a high indicates ready, and a low indicates busy. WR
and RD should not be used simultaneously. If they are, the write strobe overrides.
This pin is also used as the microprocessor interface (MPI) data transfer strobe. For
PowerPC, it is the transfer start (TS). For i960, it is the address/data strobe (ADS).
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
WR
I
I/O
WR
is used in the asynchronous peripheral configuration mode. When the FPGA is selected,
a low on the write strobe, WR, loads the data on D[7:0] inputs into an internal data buffer. WR
and RD should not be used simultaneously. If they are, the write strobe overrides.
After configuration, this pin is a user-programmable I/O pin (see Note).
A[17:0]
O
I/O
During master parallel configuration mode, A[17:0] address the configuration EPROM. In
microprocessor interface (MPI) mode, many of the A[n] pins have alternate uses as described
below. See the Special Function Blocks section for more MPI information. During configura-
tion, if not in master parallel or an MPI configuration mode, these pins are 3-stated with a pull-
up enabled.
After configuration, the pins are user-programmable I/O pins (see Note).
Pin Information (continued)
Table 67. Pin Descriptions (continued)
Symbol
I/O
Description
Note: The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE
release is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the
activation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com