Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 20Page - Microchip Technology MCP3911 Datasheet HTML 21Page - Microchip Technology MCP3911 Datasheet HTML 22Page - Microchip Technology MCP3911 Datasheet HTML 23Page - Microchip Technology MCP3911 Datasheet HTML 24Page - Microchip Technology MCP3911 Datasheet HTML 25Page - Microchip Technology MCP3911 Datasheet HTML 26Page - Microchip Technology MCP3911 Datasheet HTML 27Page - Microchip Technology MCP3911 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
MCP3911
DS22286A-page 24
© 2012 Microchip Technology Inc.
Since this is the output data rate, and since the
decimation filter is a SINC (or notch) filter, there is a
notch in the filter transfer function at each integer
multiple of this rate.
The following table describes the various combinations
of OSR and PRESCALE and their associated AMCLK,
DMCLK and DRCLK rates.
TABLE 4-2:
DEVICE DATA RATES IN FUNCTION OF MCLK, OSR, AND PRESCALE, MCLK=4MHZ
PRE
<1:0>
OSR <2:0>
OSR
AMCLK
DMCLK
DRCLK
DRCLK
(ksps)
SINAD
(dB)
Note 1
ENOB
from
SINAD
(bits)
Note 1
1
1
1
1
1
4096
MCLK/8
MCLK/32
MCLK/131072
0.035
98
16
1
1
1
1
1
2048
MCLK/8
MCLK/32
MCLK/65536
0.061
98
16
1
1
1
1
1
1024
MCLK/8
MCLK/32
MCLK/32768
0.122
97
15.8
1
1
1
1
1
512
MCLK/8
MCLK/32
MCLK/16384
0.244
96
15.6
1
1
0
1
1
256
MCLK/8
MCLK/32
MCLK/8192
0.488
95
15.5
1
1
0
1
0
128
MCLK/8
MCLK/32
MCLK/4096
0.976
90
14.7
1
1
0
0
1
64
MCLK/8
MCLK/32
MCLK/2048
1.95
83
13.5
1
1
0
0
0
32
MCLK/8
MCLK/32
MCLK/1024
3.9
70
11.3
1
0
1
1
1
4096
MCLK/4
MCLK/16
MCLK/65536
0.061
98
16
1
0
1
1
1
2048
MCLK/4
MCLK/16
MCLK/32768
0.122
98
16
1
0
1
1
1
1024
MCLK/4
MCLK/16
MCLK/16384
0.244
97
15.8
1
0
1
1
1
512
MCLK/4
MCLK/16
MCLK/8192
0.488
96
15.6
1
0
0
1
1
256
MCLK/4
MCLK/16
MCLK/4096
0.976
95
15.5
1
0
0
1
0
128
MCLK/4
MCLK/16
MCLK/2048
1.95
90
14.7
1
0
0
0
1
64
MCLK/4
MCLK/16
MCLK/1024
3.9
83
13.5
1
0
0
0
0
32
MCLK/4
MCLK/16
MCLK/512
7.8125
70
11.3
0
1
1
1
1
4096
MCLK/2
MCLK/8
MCLK/32768
0.122
98
16
0
1
1
1
1
2048
MCLK/2
MCLK/8
MCLK/16384
0.244
98
16
0
1
1
1
1
1024
MCLK/2
MCLK/8
MCLK/8192
0.488
97
15.8
0
1
1
1
1
512
MCLK/2
MCLK/8
MCLK/4096
0.976
96
15.6
0
1
0
1
1
256
MCLK/2
MCLK/8
MCLK/2048
1.95
95
15.5
0
1
0
1
0
128
MCLK/2
MCLK/8
MCLK/1024
3.9
90
14.7
0
1
0
0
1
64
MCLK/2
MCLK/8
MCLK/512
7.8125
83
13.5
0
1
0
0
0
32
MCLK/2
MCLK/8
MCLK/256
15.625
70
11.3
0
0
1
1
1
4096
MCLK
MCLK/4
MCLK/16384
0.244
98
16
0
0
1
1
0
2048
MCLK
MCLK/4
MCLK/8192
0.488
98
16
0
0
1
0
1
1024
MCLK
MCLK/4
MCLK/4096
0.976
97
15.8
0
0
1
0
0
512
MCLK
MCLK/4
MCLK/2048
1.95
96
15.6
0
0
0
1
1
256
MCLK
MCLK/4
MCLK/1024
3.9
95
15.5
0
0
0
1
0
128
MCLK
MCLK/4
MCLK/512
7.8125
90
14.7
0
0
0
0
1
64
MCLK
MCLK/4
MCLK/256
15.625
83
13.5
0
0
0
0
0
32
MCLK
MCLK/4
MCLK/128
31.25
70
11.3
Note 1: For OSR = 32 and 64, DITHER = None. For OSR = 128 and higher, DITHER = Maximum. The SINAD
values are given from GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com