Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 37Page - Microchip Technology MCP3911 Datasheet HTML 38Page - Microchip Technology MCP3911 Datasheet HTML 39Page - Microchip Technology MCP3911 Datasheet HTML 40Page - Microchip Technology MCP3911 Datasheet HTML 41Page - Microchip Technology MCP3911 Datasheet HTML 42Page - Microchip Technology MCP3911 Datasheet HTML 43Page - Microchip Technology MCP3911 Datasheet HTML 44Page - Microchip Technology MCP3911 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 41
MCP3911
5.11
Crystal Oscillator
The MCP3911 includes a Pierce-type crystal oscillator
with very high stability and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle up to 20 MHz crystal frequencies, provided that
proper load capacitances and quartz quality factor are
used.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND and
between OSC2 and DGND. They should also respect
the following equation:
EQUATION 5-6:
When CLKEXT=1, the crystal oscillator is bypassed by
a digital buffer to allow direct clock input for an external
clock (see Figure 4-1).
When CLKEXT=1, it is recommended to connect
OSC2 pin to DGND directly at all times. The external
clock should not be higher than 20 MHz before pres-
caler (MCLK < 20 MHz) for proper operation.
5.12
Digital System Offset and Gain
Errors
The MCP3911 incorporates two sets of additional reg-
isters per channel, to perform system digital offset and
gain errors calibration. Each channel has its own set of
registers associated that will modify the output result of
the channel, if the calibration is enabled. The gain and
offset calibrations can be enabled or disabled through
two
configuration
bits
(EN_OFFCAL
and
EN_GAINCAL). These two bits enable or disable sys-
tem calibration on both channels at the same time.
When both calibrations are enabled, the output of the
ADC is modified as follows:
EQUATION 5-7:
DIGITAL OFFSET AND GAIN ERROR CALIBRATION REGISTERS
CALCULATIONS
TABLE 5-9:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 4096
Phase Register Value
Hex
Delay
(CH0 relative
to CH1)
01 1111 111 111
0x7FF
+ 2047 µs
01 1111 111 110
0x7FE
+ 2046 µs
00 0000 000 001
0x001
+ 1 µs
00 0000 000 000
0x000
0 µs
11 1111 111 111
0xFFF
- 1 µs
10 0000 000 001
0x801
- 2048 µs
10 0000 000 000
0x800
-2048 µs
R
M
1.6
10
6
×
1
fC
•
LOAD
------------------------
⎝⎠
⎛⎞
×
2
<
Where:
f
=
crystal frequency in MHz
CLOAD
=
load capacitance in pF including
parasitics from the PCB
RM
=
motional resistance in ohms of
the quartz
Note:
In addition to the conditions defining the
maximum MCLK input frequency range,
the AMCLK frequency should be main-
tained inferior to the maximum limits
defined in Table 5-2 to guarantee the
accuracy of the ADCs. If these limits are
exceeded, it is recommended to either
choose a larger OSR, or a large prescaler
value, so that AMCLK can respect these
limits.
DATA_CHn post
cal
–
()
DATA_CHn pre
cal
–
() OFFCAL_CHn
+
()
1
GAINCAL_CHn
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com