Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 64Page - Microchip Technology MCP3911 Datasheet HTML 65Page - Microchip Technology MCP3911 Datasheet HTML 66Page - Microchip Technology MCP3911 Datasheet HTML 67Page - Microchip Technology MCP3911 Datasheet HTML 68Page - Microchip Technology MCP3911 Datasheet HTML 69Page - Microchip Technology MCP3911 Datasheet HTML 70Page - Microchip Technology MCP3911 Datasheet HTML 71Page - Microchip Technology MCP3911 Datasheet HTML 72Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 69
MCP3911
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3911A0: Two Channel Analog Font End Converter
Address Options:
XX
A6
A5
A0*
=
0
0
A1
=
0
1
A2
=
1
0
A3
=
1
1
* Default option. Contact Microchip factory for other
address options
Tape and Reel:
T
= Tape and Reel
Temperature Range:
E
= -40°C to +125°C
Package:
ML = Plastic Quad Flat No Lead Package (QFN)
SS
= Small Shrink Output Package (SSOP-20)
Examples:
a)
MCP3911A0-E/ML: Extended Temperature,
Two Channel Analog
Front End Converter,
20LD QFN package.
b)
MCP3911A0T-E/ML:Tape and Reel,
Extended Temperature,
Two Channel Analog
Front End Converter,
20LD QFN package.
c)
MCP3911A0-E/SS: Extended Temperature,
Two Channel Analog
Front End Converter,
20LD SSOP package.
d)
MCP3911A0T-E/SS:Tape and Reel,
Extended Temperature,
Two Channel Analog
Front End Converter,
20LD SSOP package.
PART NO.
X
Temperature
Range
Device
/XX
Package
X
Tape and
Reel
XX
Address
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com