Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 15Page - Microchip Technology MCP3911 Datasheet HTML 16Page - Microchip Technology MCP3911 Datasheet HTML 17Page - Microchip Technology MCP3911 Datasheet HTML 18Page - Microchip Technology MCP3911 Datasheet HTML 19Page - Microchip Technology MCP3911 Datasheet HTML 20Page - Microchip Technology MCP3911 Datasheet HTML 21Page - Microchip Technology MCP3911 Datasheet HTML 22Page - Microchip Technology MCP3911 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 19
MCP3911
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Master Reset (RESET)
This pin is active low and places the entire chip in a
reset state when active.
When RESET=0, all registers are reset to their default
value, no communication can take place, and no clock
is distributed inside the part, except in the input struc-
ture if MCLK is applied (if idle, then no clock is distrib-
uted). This state is equivalent to a POR state.
Since the default state of the ADCs is on, the analog
power consumption, when RESET=0, is equivalent to
when RESET=1. Only the digital power consumption is
largely reduced because this current consumption is
essentially dynamic and is reduced drastically when
there is no clock running.
All the analog biases are enabled during a reset so that
the part is fully operational just after a RESET rising
edge, if the MCLK is applied during the rising edge. If
not applied, there is a small time after RESET where
the conversion may not be accurate corresponding to
the startup of the charge pump of the input structure.
This input is Schmitt triggered.
3.2
Digital VDD (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP3911. This pin requires appropriate
bypass capacitors and should be maintained between
2.7V and 3.6V for specified operation.
3.3
Analog VDD (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP3911. This pin requires appropriate
bypass capacitors and should be maintained to 2.7V
and 3.6V for specified operation.
3.4
ADC Differential Analog inputs
(CHn+/CHn-)
CH0- and CH0+, and CH1- and CH1+, are the two
fully-differential
analog
voltage
inputs
for
the
Delta-Sigma ADCs.
Pin No.
SSOP
Pin No.
QFN
Symbol
Function
1
18
RESET
Master Reset Logic Input Pin
219
DVDD
Digital Power Supply Pin
320
AVDD
Analog Power Supply Pin
4
1
CH0+
Non-Inverting Analog Input Pin for Channel 0
5
2
CH0-
Inverting Analog Input Pin for Channel 0
6
3
CH1-
Inverting Analog Input Pin for Channel 1
7
4
CH1+
Non-Inverting Analog Input Pin for Channel 1
8
5
AGND
Analog Ground Pin, Return Path for internal analog circuitry
9
6
REFIN+/OUT
Non-Inverting Voltage Reference Input and Internal Reference Output Pin
10
7
REFIN-
Inverting Voltage Reference Input Pin
11
8
DGND
Digital Ground Pin, Return Path for internal digital circuitry
12
9
MDAT1
Modulator Data Output Pin for Channel 1
13
10
MDAT0
Modulator Data Output Pin for Channel 0
14
11
DR
Data Ready Signal Output Pin
15
12
OSC1/CLKI
Oscillator Crystal Connection Pin or External Clock Input Pin
16
13
OSC2
Oscillator Crystal Connection Pin
17
14
CS
Serial Interface Chip Select Pin
18
15
SCK
Serial Interface Clock Input Pin
19
16
SDO
Serial Interface Data Input Pin
20
17
SDI
Serial Interface Data Input Pin
-
21
EP
Exposed Thermal Pad. Must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com