Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 16Page - Microchip Technology MCP3911 Datasheet HTML 17Page - Microchip Technology MCP3911 Datasheet HTML 18Page - Microchip Technology MCP3911 Datasheet HTML 19Page - Microchip Technology MCP3911 Datasheet HTML 20Page - Microchip Technology MCP3911 Datasheet HTML 21Page - Microchip Technology MCP3911 Datasheet HTML 22Page - Microchip Technology MCP3911 Datasheet HTML 23Page - Microchip Technology MCP3911 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
MCP3911
DS22286A-page 20
© 2012 Microchip Technology Inc.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mV/GAIN with
VREF=1.2V.
The maximum differential voltage is proportional to the
VREF voltage. The maximum absolute voltage, with
respect to AGND, for each CHn+/- input pin is +/-1V
with no distortion and ±2V with no breaking after con-
tinuous voltage. This maximum absolute voltage is not
proportional to the VREF voltage.
3.5
Analog Ground (AGND)
AGND is the ground connection to internal analog
circuitry (See the “Functional block diagram”). To
ensure accuracy and noise cancellation, this pin must
be connected to the same ground as DGND, preferably
with a star connection. If an analog ground plane is
available, it is recommended that this pin be tied to this
plane of the PCB. This plane should also reference all
other analog circuitry in the system.
3.6
Non-inverting Reference Input,
Internal Reference Output
(REFIN+/OUT)
This pin is the non-inverting side of the differential
voltage reference input for both ADCs or the internal
voltage reference output.
When VREFEXT=1, an external voltage reference
source can be used, the internal voltage reference is
disabled. When using an external differential voltage
reference, it should be connected to its VREF+ pin.
When using an external single-ended reference, it
should be connected to this pin.
When VREFEXT=0, the internal voltage reference is
enabled and connected to this pin through a switch.
This voltage reference has minimal drive capability and
thus needs proper buffering and bypass capacitances
(a 0.1 µF ceramic capacitor is sufficient in most cases)
if used as a voltage source.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna cre-
ated by the REFIN+/OUT pin if left floating.
3.7
Inverting Reference Input (REFIN-)
This pin is the inverting side of the differential voltage
reference input for both ADCs. When using an external
differential voltage reference, it should be connected to
its VREF- pin. When using an external single-ended
voltage reference, or when VREFEXT=0 (Default) and
using the internal voltage reference, this pin should be
directly connected to AGND.
3.8
Digital Ground Connection
(DGND)
DGND is the ground connection to internal digital
circuitry (See the MCP3911 Block diagram). To ensure
optimal accuracy and noise cancellation, DGND must
be connected to the same ground as AGND, preferably
with a star connection. If a digital ground plane is
available, it is recommended that this pin be tied to this
plane of the Printed Circuit Board (PCB). This plane
should also reference all other digital circuitry in the
system.
3.9
Modulator Data Output Pin for
Channel 1 and Channel 0 (MDAT1/
MDAT0)
MDAT0 and MDAT1 are the output pins for the
modulator serial bitstreams of ADC channels 0 and 1,
respectively. These pins are high impedance when
their corresponding MODOUT bit is logic low. When the
MODOUT<1:0> are enabled, the modulator bitstream
of the corresponding channel is present on the pin and
updated at the AMCLK frequency. (See Section 5.4
“Modulator Output Block” for a complete description
of the modulator outputs). These pins can be directly
connected to a MCU or DSP when a specific digital
filtering is needed.
3.10
Data Ready Output (DR)
The data ready pin indicates if a new conversion result
is ready to be read. The default state of this pin is high
when DR_HIZ=1 and is high impedance when
DR_HIZ=0 (Default). After each conversion is finished,
a logic low pulse will take place on the data ready pin
to indicate the conversion result is ready as an inter-
rupt. This pulse is synchronous with the master clock
and has a defined and constant width.
The data ready pin is independent of the SPI interface
and acts like an interrupt output. The data ready pin
state is not latched and the pulse width (and period) are
both
determined
by
the
MCLK
frequency,
over-sampling rate, and internal clock pre-scale
settings. The DR pulse width is equal to one DMCLK
period and the frequency of the pulses is equal to
DRCLK (see Figure 1-3).
Note:
This pin should not be left floating when
DR_HIZ bit is low; a 100 k
Ω pull-up
resistor
connected
to
DVDD
is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com