Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 24Page - Microchip Technology MCP3911 Datasheet HTML 25Page - Microchip Technology MCP3911 Datasheet HTML 26Page - Microchip Technology MCP3911 Datasheet HTML 27Page - Microchip Technology MCP3911 Datasheet HTML 28Page - Microchip Technology MCP3911 Datasheet HTML 29Page - Microchip Technology MCP3911 Datasheet HTML 30Page - Microchip Technology MCP3911 Datasheet HTML 31Page - Microchip Technology MCP3911 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
MCP3911
DS22286A-page 28
© 2012 Microchip Technology Inc.
EQUATION 4-11:
Where VCM= (CHn+ + CHn-)/2 is the common-mode
input voltage and VOUT is the equivalent input voltage
that the output code translates to with the ADC transfer
function. In the MCP3911 specification, VCM varies
from -1V to +1V.
4.19
ADC Reset Mode
ADC Reset mode (called also soft reset mode) can only
be entered through setting high the RESET<1:0> bits in
the configuration register. This mode is defined as the
condition where the converters are active but their
output is forced to 0.
The registers are not affected in this reset mode and
retain their except the data registers of the correspond-
ing channel which are reset to 0.
The ADCs can immediately output meaningful codes
after leaving reset mode (and after the sinc filter settling
time). This mode is both entered and exited through
setting of bits in the configuration register.
Each converter can be placed in soft reset mode
independently. The configuration registers are not
modified by the soft reset mode.
A data ready pulse will not be generated by any ADC
while in reset mode.
Reset mode also effects the modulator output block,
i.e., the MDAT pin, corresponding to the channel in
reset. If enabled, it provides a bitstream corresponding
to a zero output (a series of 0011 bits continuously
repeated).
When an ADC exits ADC reset mode, any phase delay
present before reset was entered will still be present. If
one ADC was not in reset, the ADC leaving reset mode
will resynchronize automatically the phase delay
relative to the other ADC channel per the phase delay
register block and give data ready pulses accordingly.
If an ADC is placed in Reset mode while the other is
converting, it is not shutting down the internal clock.
When going back out of reset, it will be resynchronized
automatically with the clock that did not stop during
reset.
If both ADCs are in soft reset the clock is no longer dis-
tributed to the digital core for low power operation.
Once any of the ADC is back to normal operation, the
clock is automatically distributed again.
However, when the two channels are in soft reset, the
input structure is still clocking if MCLK is applied in
order to bias properly the inputs so that no leakage cur-
rent is observed. If MCLK is not applied, large analog
input leakage currents can be observed for highly neg-
ative input voltages (typically below -0.6V referred to
AGND).
4.20
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled low. The RESET pin low state
places the device in a hard reset mode.
In this mode all internal registers are reset to their
default state.
The DC biases for the analog blocks are still active, i.e.,
the MCP3911 is ready to convert. However, this pin
clears all conversion data in the ADCs. In this mode,
the MDAT outputs are in high impedance. The
comparator’s outputs of both ADCs are forced to their
reset state (0011). The SINC filters are all reset, as well
as their double output buffers. See serial timing for
minimum pulse low time, in Section 1.0 “Electrical
Characteristics”.
During a hard reset, no communication with the part is
possible. The digital interface is maintained in a reset
state.
During this state, the clock MCLK can be applied to the
part in order to properly bias the input structures of both
channels. If not applied, large analog input leakage cur-
rents can be observed for highly negative input signals
and after removing the RESET state a certain start up
time is necessary to bias the input structure properly.
During this delay the ADC conversions can be inaccu-
rate.
4.21
ADC Shutdown Mode
ADC shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. When Shutdown bit is reset to 0, the
analog biases will be enabled, as well as the clock and
the digital circuitry. The ADC will give a data ready after
the SINC filter settling time has occurred. However,
since the analog biases are not completely settled at
the beginning of the conversion, the sampling may not
be accurate during about 1 ms (corresponding to the
settling time of the biasing in worst case conditions). In
order to guarantee the accuracy, the data ready pulse,
coming within the delay of 1 ms + settling time of the
SINC filter, should be discarded.
Each converter can be placed in shutdown mode
independently. The CONFIG registers are not modified
by the shutdown mode. This mode is only available
through programming of the SHUTDOWN<1:0> bits
the CONFIG register.
The output data is flushed to all zeros while in ADC
shutdown. No data ready pulses are generated by any
ADC while in ADC shutdown mode.
CMRR dB
()
20
ΔV
OUT
ΔV
CM
-----------------
⎝⎠
⎛⎞
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com