Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 8Page - Microchip Technology MCP3911 Datasheet HTML 9Page - Microchip Technology MCP3911 Datasheet HTML 10Page - Microchip Technology MCP3911 Datasheet HTML 11Page - Microchip Technology MCP3911 Datasheet HTML 12Page - Microchip Technology MCP3911 Datasheet HTML 13Page - Microchip Technology MCP3911 Datasheet HTML 14Page - Microchip Technology MCP3911 Datasheet HTML 15Page - Microchip Technology MCP3911 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
MCP3911
DS22286A-page 12
© 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V; TA = 25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz, VREFEXT = 0; CLKEXT = 1,
AZ_FREQ = 0; BOOST = 1X.
FIGURE 2-7:
Spurious Free Dynamic
Range Histogram.
FIGURE 2-8:
SNR Histogram.
FIGURE 2-9:
Noise Histogram.
FIGURE 2-10:
ENOB SINAD Histogram.
FIGURE 2-11:
ENOB SNR Histogram.
FIGURE 2-12:
THD vs. OSR.
104.5
106
107.5
109
110.5
112
113.5
115
Spurious Free Dynamic Range (dBFS)
94.5 94.6 94.8 94.9 95.1 95.2 95.4 95.5 95.6 95.8 95.9
Signal to Noise Ratio (dB)
1000
1500
2000
2500
3000
3500
4000
4500
5000
Channel 1
V
IN = 0V
T
A = 25 C
16384 Consecutive
Readings
0
500
1000
Output Code (LSB)
15.3 15.4
15.4 15.4 15.5
15.5 15.5 15.5 15.6
15.6
EffectiveNumberofBits(SINAD)
15.4
15.4
15.5
15.5
15.5
15.5
15.6
15.6
15.6
15.6
EffectiveNumberofBits(SNR)
-80
-70
-60
-50
-40
-30
-20
-10
0
Dithering = Medium
Dithering = Minimum
Dithering = None
-120
-110
-100
-90
80
32
64
128
256
512
1024
2048
4096
Oversampling Ratio (OSR)
Dithering = Maximum
te
g
ed u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com