Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 49Page - Microchip Technology MCP3911 Datasheet HTML 50Page - Microchip Technology MCP3911 Datasheet HTML 51Page - Microchip Technology MCP3911 Datasheet HTML 52Page - Microchip Technology MCP3911 Datasheet HTML 53Page - Microchip Technology MCP3911 Datasheet HTML 54Page - Microchip Technology MCP3911 Datasheet HTML 55Page - Microchip Technology MCP3911 Datasheet HTML 56Page - Microchip Technology MCP3911 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 53
MCP3911
7.1
CHANNEL REGISTERS - ADC
CHANNEL DATA OUTPUT
REGISTERS
The ADC Channel Data Output registers always con-
tain the most recent A/D conversion data for each
channel. These registers are read-only. They can be
accessed independently or linked together (with
READ<1:0> bits). These registers are latched when an
ADC read communication occurs. When a data ready
event occurs during a read communication, the most
current ADC data is also latched to avoid data corrup-
tion issues. The three bytes of each channel are
updated synchronously at a DRCLK rate. The three
bytes can be accessed separately if needed, but are
refreshed synchronously.
REGISTER 7-1:
CHANNEL REGISTER
Name
Bits
Address
R/W
CHANNEL0
24
0x00
R
CHANNEL1
24
0x03
R
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CHn
<23> (MSB)
DATA_CHn
<22>
DATA_CHn
<21>
DATA_CHn
<20>
DATA_CHn
<19>
DATA_CHn
<18>
DATA_CHn
<17>
DATA_CHn
<16>
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CHn
<15>
DATA_CHn
<14>
DATA_CHn
<13>
DATA_CHn
<12>
DATA_CHn
<11>
DATA_CHn
<10>
DATA_CHn
<9>
DATA_CHn
<8>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
DATA_CHn
<7>
DATA_CHn
<6>
DATA_CHn
<5>
DATA_CHn
<4>
DATA_CHn
<3>
DATA_CHn
<2>
DATA_CHn
<1>
DATA_CHn
<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23:0
DATA_CHn: Output code from ADC Channel n. This data is post-calibration if the EN_OFFCAL or
EN_GAINCAL bits are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com