Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 7Page - Microchip Technology MCP3911 Datasheet HTML 8Page - Microchip Technology MCP3911 Datasheet HTML 9Page - Microchip Technology MCP3911 Datasheet HTML 10Page - Microchip Technology MCP3911 Datasheet HTML 11Page - Microchip Technology MCP3911 Datasheet HTML 12Page - Microchip Technology MCP3911 Datasheet HTML 13Page - Microchip Technology MCP3911 Datasheet HTML 14Page - Microchip Technology MCP3911 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 11
MCP3911
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V; TA = 25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz, VREFEXT = 0; CLKEXT = 1,
AZ_FREQ = 0; BOOST = 1X.
FIGURE 2-1:
Spectral Response.
FIGURE 2-2:
Spectral Response.
FIGURE 2-3:
THD Histogram.
FIGURE 2-4:
Spectral Response.
FIGURE 2-5:
Spectral Response.
FIGURE 2-6:
SINAD Histogram.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-107.3 -107.1 -107.0 -106.8 -106.7 -106.5 -106.4 -106.2 -106.1 -105.9 -105.8
Total Harmonic Distortion (-dBc)
94.2 94.3 94.5 94.6 94.8 94.9 95.1 95.2 95.4 95.5
Signal-to-Noise and Distortion Ratio (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com