Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 51Page - Microchip Technology MCP3911 Datasheet HTML 52Page - Microchip Technology MCP3911 Datasheet HTML 53Page - Microchip Technology MCP3911 Datasheet HTML 54Page - Microchip Technology MCP3911 Datasheet HTML 55Page - Microchip Technology MCP3911 Datasheet HTML 56Page - Microchip Technology MCP3911 Datasheet HTML 57Page - Microchip Technology MCP3911 Datasheet HTML 58Page - Microchip Technology MCP3911 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 55
MCP3911
7.3
PHASE Register - Phase
Configuration Register
Any write to one of these two addresses (0x07 and
0x08) creates an internal reset and restart sequence.
REGISTER 7-3:
PHASE
Register
Name
Bits
Address
Cof
PHASE
16
0x07
R/W
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
PHASE<11>
PHASE<10>
PHASE<9>
PHASE<8>
bit 11
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASE<7>
PHASE<6>
PHASE<5>
PHASE<4>
PHASE<3>
PHASE<2>
PHASE<1>
PHASE<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15:12
Unimplemented, read as ‘0’
bit 11:0
CH0 relative to CH1 phase delay
PHASE<11:0>: CH0 Relative to CH1 Phase Delay bits
Delay = PHASE Register’s two’s complement code/DMCLK (Default PHASE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com