Electronic Components Datasheet Search
  English  ▼

X  

MCP3911 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 30Page - Microchip Technology MCP3911 Datasheet HTML 31Page - Microchip Technology MCP3911 Datasheet HTML 32Page - Microchip Technology MCP3911 Datasheet HTML 33Page - Microchip Technology MCP3911 Datasheet HTML 34Page - Microchip Technology MCP3911 Datasheet HTML 35Page - Microchip Technology MCP3911 Datasheet HTML 36Page - Microchip Technology MCP3911 Datasheet HTML 37Page - Microchip Technology MCP3911 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
MCP3911
DS22286A-page 34
© 2012 Microchip Technology Inc.
FIGURE 5-2:
MDAT Serial Outputs in
Function of the Modulator Output Code.
Since the reset and shutdown SPI commands are
asynchronous, the MDAT pins are resynchronized with
DMCLK after each time the part goes out of reset and
shutdown.
This means that the first output of MDAT, after a soft
reset or a shutdown, is always 0011 after the first
DMCLK rising edge.
The two MDAT output pins are in high impedance if the
RESET pin is low.
5.5
SINC3 + SINC1 Filter
The decimation filter present in both channels of the
MCP3911 is a cascade of two sinc filters (sinc3+sinc1):
a third order sinc filter with a decimation ratio of OSR3
followed by first order sinc filter with a decimation ratio
of OSR1 (moving average of OSR1 values). Figure 5-3
represents the decimation filter architecture.
FIGURE 5-3:
MCP3911 Decimation Filter Block Diagram.
The formula for calculating the transfer function of the
digital decimation filter and settling time of the ADC is
as follows:
EQUATION 5-1:
SINC FILTER TRANSFER FUNCTION
DMCLK
MDAT+2
MDAT+1
MDAT+0
MDAT-1
MDAT-2
COMP
AMCLK
<3>
COMP
<2>
COMP
<1>
COMP
<0>
Modulator
Output
SINC
3
SINC
1
Decimation
Filter Output
OSR3
OSR1
4
16 (WIDTH=0)
24 (WIDTH=1)
Decimation Filter
OSR1=1
Hz
()
1
z
- OSR
3
–
⎝⎠
⎛⎞
3
OSR
3
1
z 1
–
–
()
()3
---------------------------------------------
1z
- OSR
1
OSR
3
×
–
⎝⎠
⎛⎞
OSR
1
1
z
- OSR
3
–
⎝⎠
⎛⎞
×
-----------------------------------------------------------
×
where
,
=
z
EXP 2
π jf
in
⋅⋅
DMCLK
⁄
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com